Electronic Components Datasheet Search
  English  ▼

X  

B9035 Datasheet(PDF) 3 Page - EPCOS

Part # B9035
Description  SAW Components Low-Loss Filter for Mobile Communication 881.5 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9035 Datasheet(HTML) 3 Page - EPCOS

  B9035 Datasheet HTML 1Page - EPCOS B9035 Datasheet HTML 2Page - EPCOS B9035 Datasheet HTML 3Page - EPCOS B9035 Datasheet HTML 4Page - EPCOS B9035 Datasheet HTML 5Page - EPCOS B9035 Datasheet HTML 6Page - EPCOS B9035 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Dec 06, 2005
B9035
881.5 MHz
SAW Components
Low-Loss Filter for Mobile Communication
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
=
-30 to +85 ˚C
Terminating source impedance:
ZS =50Ω
Terminating load impedance:
ZL =50Ω
B9035
min.
typ.
@ 25˚C
max.
Center frequency
fC
—
881.5
—
MHz
Maximum insertion attenuation
α
max
869.0 ...
894.0
MHz
—
2.1
2.5
dB
Amplitude ripple (p-p)
∆α
869.0 ...
894.0
MHz
—
0.7
1.2
dB
Input VSWR
869.0 ...
894.0
MHz
—
1.7
2.0
Output VSWR
869.0 ...
894.0
MHz
—
1.7
2.0
Attenuation
α
0.3 ...
824.0
MHz
46
53
—
dB
824.0 ...
849.0
MHz
46
53
—
dB
914.0 ...
950.0
MHz
20
30
—
dB
950.0 ... 1500.0
MHz
46
60
—
dB
1500.0 ... 2200.0
MHz
46
56
—
dB
2200.0 ... 3000.0
MHz
30
41
—
dB
3000.0 ... 4500.0
MHz
20
30
—
dB
4500.0 ...6000.0
MHz
15
20
—
dB
Maximum ratings
Operable temperature range T
-30/+85
˚C
Storage temperature range
Tstg
-40/+85
˚C
DC voltage
VDC
5
V
ESD voltage
VESD
100 1)
1) acc. to JESD22-A115A (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
Input Power
PIN
15
dBm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com