Electronic Components Datasheet Search
  English  ▼

X  

B9300 Datasheet(PDF) 4 Page - EPCOS

Part # B9300
Description  SAW Components Low-Loss Dual Band Filter for Mobile Communication 1842,5 & 1960,0 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9300 Datasheet(HTML) 4 Page - EPCOS

  B9300 Datasheet HTML 1Page - EPCOS B9300 Datasheet HTML 2Page - EPCOS B9300 Datasheet HTML 3Page - EPCOS B9300 Datasheet HTML 4Page - EPCOS B9300 Datasheet HTML 5Page - EPCOS B9300 Datasheet HTML 6Page - EPCOS B9300 Datasheet HTML 7Page - EPCOS B9300 Datasheet HTML 8Page - EPCOS B9300 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
45May 19, 2005
SAW Components
B9300
1842,5 & 1960,0 MHz
Low-Loss Dual Band Filter for Mobile Communication
Data Sheet
Characteristics of Filter 1 (GSM 1900)
Operating temperature range:
T
= -20 to + 75 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 150 Ω || 18nH (balanced)
min.
typ.
max.
Center frequency
fc
—
1960,0
—
MHz
Maximum insertion attenuation
α
max
1930,0
...1990,0MHz
—
1,7
2,3
dB
Amplitude ripple (p-p)
∆α
1930,0
...1990,0MHz
—
0,6
1,3
dB
Input VSWR
1930,0
...1990,0MHz
—
1,7
2,0
Output VSWR
1930,0
...1990,0MHz
—
1,7
2,0
Output phase balance (
Φ(S
31) - Φ(S21) + 180˚)
1930,0
...1990,0MHz
-10
-3/+5
+10
degree
Output amplitude balance (|S31/S21|)
1930,0
...1990,0MHz
-1,2
-0,7/+0,7
+1,2
dB
Attenuation
α
min
10,0
...1510,0MHz
40,0
43
—
dB
1510,0
...1830,0MHz
30,0
35
—
dB
1830,0
...1850,0MHz
26,0
32
—
dB
1850,0
...1890,0MHz
23,0
27
—
dB
1890,0
...1910,0MHz
12,0
16
—
dB
2010,0
...2070,0MHz
12,0
15
—
dB
2070,0
...2400,0MHz
21,0
24
—
dB
2400,0
...6000,0MHz
30,0
34
—
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com