Electronic Components Datasheet Search
  English  ▼

X  

B9300 Datasheet(PDF) 6 Page - EPCOS

Part # B9300
Description  SAW Components Low-Loss Dual Band Filter for Mobile Communication 1842,5 & 1960,0 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9300 Datasheet(HTML) 6 Page - EPCOS

  B9300 Datasheet HTML 1Page - EPCOS B9300 Datasheet HTML 2Page - EPCOS B9300 Datasheet HTML 3Page - EPCOS B9300 Datasheet HTML 4Page - EPCOS B9300 Datasheet HTML 5Page - EPCOS B9300 Datasheet HTML 6Page - EPCOS B9300 Datasheet HTML 7Page - EPCOS B9300 Datasheet HTML 8Page - EPCOS B9300 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
65May 19, 2005
SAW Components
B9300
1842,5 & 1960,0 MHz
Low-Loss Dual Band Filter for Mobile Communication
Data Sheet
Characteristics of Filter 2 (GSM1800)
Operating temperature range:
T
= 25 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 150 Ω || 15nH (balanced)
min.
typ.
max.
Center frequency
fc
—
1842,5
—
MHz
Maximum insertion attenuation
α
max
1805,0
... 1880,0MHz
—
1,6
2,1
dB
Amplitude ripple
∆α
1805,0
... 1880,0MHz
—
0,5
1,0
dB
Input VSWR
1805,0
... 1880,0MHz
—
1,8
2,2
Output VSWR
1805,0
... 1880,0MHz
—
1,7
2,2
Output phase balance (
Φ(S
31) - Φ(S21) + 180˚)
1805,0
... 1880,0MHz
- 10
-3/+3
+10
degree
Output amplitude balance (|S31/S21|)
1805,0
... 1880,0MHz
-1,0
-0,6/+0,4
+1,0
dB
Attenuation
α
min
10,0
... 902,0MHz
30,0
52
—
dB
902,0
... 940,0MHz
45,0
52
—
dB
940,0
...1705,0MHz
28,0
42
—
dB
1705,0
...1785,0MHz
13,0
18
—
dB
1920,0
...1980,0MHz
17,0
23
—
dB
1980,0
...2030,0MHz
24,0
28
—
dB
2030,0
...2400,0MHz
28,0
34
—
dB
2400,0
...6000,0MHz
28,0
32
—
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com