Electronic Components Datasheet Search
  English  ▼

X  

RF3800 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF3800
Description  GaAs HBT PRE-DRIVER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3800 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF3800 Datasheet HTML 4Page - RF Micro Devices RF3800 Datasheet HTML 5Page - RF Micro Devices RF3800 Datasheet HTML 6Page - RF Micro Devices RF3800 Datasheet HTML 7Page - RF Micro Devices RF3800 Datasheet HTML 8Page - RF Micro Devices RF3800 Datasheet HTML 9Page - RF Micro Devices RF3800 Datasheet HTML 10Page - RF Micro Devices RF3800 Datasheet HTML 11Page - RF Micro Devices RF3800 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
3
3-114
RF3800
Rev A9 DS070130
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
S-Parameters
460 MHz
-40.0
-30.0
-20.0
-10.0
0.0
10.0
20.0
30.0
300.0
350.0
400.0
450.0
500.0
550.0
600.0
Frequency (MHz)
S11
S21
S12
S22
Gain and Phase versus POUT
460 MHz
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
POUT (dBm)
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Gain
Phase Change
OIP3 versus POUT
460 MHz
30.0
35.0
40.0
45.0
50.0
55.0
23.0
24.0
25.0
26.0
27.0
28.0
29.0
30.0
31.0
32.0
POUT (dBm/tone)
ICC and Efficiency versus Output Power
460 MHz
0.0
500.0
1000.0
1500.0
2000.0
2500.0
12.0 14.0 16.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 32.0 34.0 36.0 38.0 40.0
Output Power (dBm)
0
5
10
15
20
25
30
35
40
45
50
55
Icc (mA)
PAE (%)
Thermal Data
460 MHz
100.0
105.0
110.0
115.0
120.0
125.0
130.0
135.0
140.0
145.0
150.0
155.0
160.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
POUT (dBm)
Thermal Resistance
460 MHz
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
POUT (dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com