Electronic Components Datasheet Search
  English  ▼

X  

B9410 Datasheet(PDF) 2 Page - EPCOS

Part # B9410
Description  SAW filter 2441.75 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9410 Datasheet(HTML) 2 Page - EPCOS

  B9410 Datasheet HTML 1Page - EPCOS B9410 Datasheet HTML 2Page - EPCOS B9410 Datasheet HTML 3Page - EPCOS B9410 Datasheet HTML 4Page - EPCOS B9410 Datasheet HTML 5Page - EPCOS B9410 Datasheet HTML 6Page - EPCOS B9410 Datasheet HTML 7Page - EPCOS B9410 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
May 30, 2006
B9410
2441.75 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW filter
Data Sheet
Application
s
Low-loss RF filter for mobile telephone
bluetooth systems
s
Impedance transformation from 50
Ω to 150 Ω
s
Unbalanced to balanced operation
s
Very low insertion attenuation
s
Low amplitude ripple
s
Usable passband 83.5 MHz
Features
s
Package size 1.4 x1.1 x 0.4 mm3
s
Package code QCS5F
s
RoHS compatible
s
Approximate weight 0.003 g
s
Package for Surface Mount Technology (SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
bottom view
side view
top view
5
4
3
2
0,25
1,4
0,5
0,5
Pin configuration
s
1
Input unbalanced
s
3,4
Output balanced
s
2,5
To be grounded



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com