Electronic Components Datasheet Search
  English  ▼

X  

B9410 Datasheet(PDF) 3 Page - EPCOS

Part # B9410
Description  SAW filter 2441.75 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9410 Datasheet(HTML) 3 Page - EPCOS

  B9410 Datasheet HTML 1Page - EPCOS B9410 Datasheet HTML 2Page - EPCOS B9410 Datasheet HTML 3Page - EPCOS B9410 Datasheet HTML 4Page - EPCOS B9410 Datasheet HTML 5Page - EPCOS B9410 Datasheet HTML 6Page - EPCOS B9410 Datasheet HTML 7Page - EPCOS B9410 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
May 30, 2006
B9410
2441.75 MHz
SAW Components
SAW filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –20 ˚C to +75 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL = 150 Ω || 11 nH (balanced)
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
2441.75
—
MHz
Maximum insertion attenuation
α
max
2400.0
... 2483. 5 MHz
—
2.0
2.6
dB
Amplitude ripple (p-p)
∆α
2400.0
... 2483. 5 MHz
—
0.6
1.5
dB
Input VSWR
2400.0
... 2483. 5 MHz
—
1.8
2.1
Output VSWR
2400.0
... 2483. 5 MHz
—
1.7
2.1
Output amplitude balance (|S31/S21|)
2400.0
... 2483.5
MHz
–1.5
–0.5/0.8
1.5
dB
Output phase balance (
φ(S
31) – φ(S21)+180˚)
2400.0
... 2483.5
MHz
–10
–4/+4
10
˚
Attenuation
α
0.0
...
960.0
MHz
55
58
—
dB
960.0
... 1850.0
MHz
40
47
—
dB
1850.0
... 1990.0
MHz
40 1)
1) except 1 narrow spike at ~1886 MHz with typical 41 dB
45
—
dB
1990.0
... 2170.0
MHz
40
45
—
dB
2170.0
... 2250.0
MHz
20
40
—
dB
2650.0
... 2800.0
MHz
20
31
—
dB
2800.0
... 4000.0
MHz
25
36
—
dB
4000.0
... 6000.0
MHz
30
46
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com