Electronic Components Datasheet Search
  English  ▼

X  

RF3806 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF3806
Description  GaAs HBT PRE-DRIVER AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3806 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF3806 Datasheet HTML 9Page - RF Micro Devices RF3806 Datasheet HTML 10Page - RF Micro Devices RF3806 Datasheet HTML 11Page - RF Micro Devices RF3806 Datasheet HTML 12Page - RF Micro Devices RF3806 Datasheet HTML 13Page - RF Micro Devices RF3806 Datasheet HTML 14Page - RF Micro Devices RF3806 Datasheet HTML 15Page - RF Micro Devices RF3806 Datasheet HTML 16Page - RF Micro Devices RF3806 Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
3
3-125
RF3806
Rev A3 DS070509
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
UMTS Evaluation Boards in Hybrid Coupler Configuration:
Test Signal=W-CDMA Test Model I, 64 DPCH VCC=6V, IREF=60mA
-64.0
-62.0
-60.0
-58.0
-56.0
-54.0
-52.0
-50.0
-48.0
-46.0
-44.0
-42.0
25.0
25.5
26.0
26.5
27.0
27.5
28.0
28.5
29.0
29.5
POUT (dBm)
25C 2110 MHz
25C 2170 MHz
-40C 2110 MHz
-40C 2170 MHz
85 C 2110 MHz
85C 2170 MHz
Wear Out MTTF versus Tj
(See Theory of Operation section)
0.0
25.0
50.0
75.0
100.0
125.0
150.0
175.0
200.0
225.0
250.0
275.0
300.0
325.0
350.0
375.0
400.0
425.0
450.0
475.0
500.0
145.0
150.0
155.0
160.0
165.0
170.0
175.0
Tj (°C)
UMTS VCC=8V and IREF=60mA, Tj versus POUT @ 85°C Ambient
(See Theory of Operation section for details)
150.0
151.0
152.0
153.0
154.0
155.0
156.0
157.0
158.0
159.0
160.0
161.0
162.0
163.0
164.0
165.0
166.0
167.0
168.0
169.0
170.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
POUT (dBm)
UMTS VCC=8V and IREF=60mA, Rth versus POUT @ 85°C Ambient
(See Theory of Operation section for details)
9.0
9.5
10.0
10.5
11.0
11.5
12.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
POUT (dBm)
Rth_jref
Rth_jc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com