Electronic Components Datasheet Search
  English  ▼

X  

RF3806 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF3806
Description  GaAs HBT PRE-DRIVER AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3806 Datasheet(HTML) 2 Page - RF Micro Devices

  RF3806 Datasheet HTML 1Page - RF Micro Devices RF3806 Datasheet HTML 2Page - RF Micro Devices RF3806 Datasheet HTML 3Page - RF Micro Devices RF3806 Datasheet HTML 4Page - RF Micro Devices RF3806 Datasheet HTML 5Page - RF Micro Devices RF3806 Datasheet HTML 6Page - RF Micro Devices RF3806 Datasheet HTML 7Page - RF Micro Devices RF3806 Datasheet HTML 8Page - RF Micro Devices RF3806 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
3
3-114
RF3806
Rev A3 DS070509
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VCC and VBIAS)8
V
DC Supply Current
2870
mA
Maximum Input Power
23
dBm
Operating Ambient Temperature
+85
°C
Storage Temperature
+125
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall - UMTS2100
VCC=8V
Frequency
2110
2170
MHz
IREF=60mA, VCC=VBIAS=VREF=8V,
Temp=+25°C
P1dB
35
36
37
dBm
Performance with impedance match as per
UMTS evaluation board
Gain (S21)
17
18
19
dB
Input Return Loss (S11)
-12
dB
Output Return Loss (S22)
-6
dB
Two-Tone Specification
OIP3
47
dBm
23dBm/tone
Power Supply
Power Supply Voltage
8
V
Supply Current (ICC+IBIAS)
660
730
800
mA
ICCQ
Power Down Current
50
μAVREF=0V, VCC=VBIAS=8V
VCC=6V
Frequency
2110
2170
MHz
IREF=60mA, VCC=VBIAS=VREF=6V,
Temp=+25°C
P1dB
34.5
dBm
Performance with impedance match as per
UMTS evaluation board
Gain (S21)
18
dB
Two-Tone Specification
OIP3
46
dBm
21dBm/tone
Power Supply
Power Supply Voltage
6
V
Supply Current (ICC+IBIAS)718
mA
ICCQ
VCC=5V
Frequency
2110
2170
MHz
IREF=60mA, VCC=VBIAS=VREF=5V,
Temp=+25°C
P1dB
33
dBm
Performance with impedance match as per
UMTS evaluation board
Gain (S21)
18.5
dB
Two-Tone Specification
OIP3
45
dBm
20dBm/tone
Caution! ESD sensitive device.
The information in this publication is believed to be accurate and reliable. How-
ever, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use,
nor for any infringement of patents, or other rights of third parties, resulting
from its use. No license is granted by implication or otherwise under any patent
or patent rights of RFMD. RFMD reserves the right to change component cir-
cuitry, recommended application circuitry and specifications at any time without
prior notice.
RoHS status based on EUDirective2002/95/EC (at time of this document revi-
sion).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com