Electronic Components Datasheet Search
  English  ▼

X  

RF3807 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF3807
Description  GaAs HBT PRE-DRIVER AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3807 Datasheet(HTML) 3 Page - RF Micro Devices

  RF3807 Datasheet HTML 1Page - RF Micro Devices RF3807 Datasheet HTML 2Page - RF Micro Devices RF3807 Datasheet HTML 3Page - RF Micro Devices RF3807 Datasheet HTML 4Page - RF Micro Devices RF3807 Datasheet HTML 5Page - RF Micro Devices RF3807 Datasheet HTML 6Page - RF Micro Devices RF3807 Datasheet HTML 7Page - RF Micro Devices RF3807 Datasheet HTML 8Page - RF Micro Devices RF3807 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
4-625
RF3807
Rev A4 050912
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall - GSM800
Frequency
869
894
MHz
IREF=14mA, VCC=8V, VREF=8V, VBIAS=8V,
Temp=+25°C
P1dB
+30.0
+30.5
+32.0
dBm
PIN, Maximum
16
dBm
Total Efficiency
54
56
60
%
@P1dB
Total Power Added Efficiency
53
55
59
%
@P1dB
Gain (S21)
15.5
16.5
17.0
dB
Second Harmonic (2fo)
-25.0
-20.0
-18.0
dBc
@P1dB
Third Harmonic (3fo)
-44.0
-39.0
-35.0
dBc
@P1dB
Input Return Loss (S11)
-33.0
-18.0
-10.0
dB
Output Return Loss (S22)
-20.0
-12.0
-8.0
dB
Two-Tone Specification
OIP3
36.0
38.5
dBm
15dBm/tone
38.0
41.0
dBm
17dBm/tone
40.0
44.0
dBm
19dBm/tone
43.0
45.0
dBm
21dBm/tone
Overall - GSM900
Frequency
920
960
MHz
IREF=14mA, VCC=8V, VREF=8V, VBIAS=8V,
Temp=+25°C
P1dB
+30.0
+30.5
+31.0
dBm
PIN, Maximum
16
dBm
Total Efficiency
54
56
58
%
@P1dB
Total Power Added Efficiency
53
55
57
%
@P1dB
Gain (S21)
16.0
16.5
17.0
dB
Second Harmonic (2fo)
-25.0
-22.0
-21.0
dBc
@P1dB
Third Harmonic (3fo)
-33.0
-30.5
-24.5
dBc
@P1dB
Input Return Loss (S11)
-29.0
-22.0
-9.0
dB
Output Return Loss (S22)
-10.0
-8.5
-7.5
dB
Two-Tone Specification
OIP3
41.5
42.5
dBm
15dBm/tone
42.0
43.0
dBm
17dBm/tone
41.5
44.0
dBm
19dBm/tone
40.5
42.0
dBm
21dBm/tone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com