Electronic Components Datasheet Search
  English  ▼

X  

RF3807 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3807
Description  GaAs HBT PRE-DRIVER AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3807 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3807 Datasheet HTML 1Page - RF Micro Devices RF3807 Datasheet HTML 2Page - RF Micro Devices RF3807 Datasheet HTML 3Page - RF Micro Devices RF3807 Datasheet HTML 4Page - RF Micro Devices RF3807 Datasheet HTML 5Page - RF Micro Devices RF3807 Datasheet HTML 6Page - RF Micro Devices RF3807 Datasheet HTML 7Page - RF Micro Devices RF3807 Datasheet HTML 8Page - RF Micro Devices RF3807 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
4-623
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
1
2
3
4
8
7
6
5
PACKAGE BASE
GND
Bias
Circuit
VREF
NC
RFIN
NC
VBIAS
NC
RFOUT/VCC
RFOUT/VCC
RF3807
GaAs HBT PRE-DRIVER AMPLIFIER
• GaAs Pre-Driver for Basestation Amplifiers
• PA Stage for Commercial Wireless Infrastructure
• Class AB Operation for NMT, GSM, DCS, PCS,
UMTS, and WLAN Transceiver Applications
The RF3807 is a GaAs pre-driver power amplifier, specifi-
cally designed for wireless infrastructure applications.
Using a highly reliable GaAs HBT fabrication process,
this high-performance single-stage amplifier achieves
high output power over a broad frequency range. The
RF3807 also provides excellent efficiency and thermal
stability through the use of a thermally-enhanced surface-
mount plastic-slug package. Ease of integration is accom-
plished through the incorporation of an optimized evalua-
tion board design provided to achieve proper 50
Ω
operation. Various evaluation boards are available to
address a broad range of wireless infrastructure applica-
tions: NMT 450MHz; GSM850; GSM900; DCS1800;
PCS1900; UMTS2100; and, WLAN2400.
• Output Power>0.5W P1dB
• High Linearity
• High Power-Added Efficiency
• Thermally-Enhanced Packaging
• Broadband Platform Design Approach,
450MHz to 2500MHz
RF3807
GaAs HBT Pre-Driver Amplifier
RF3807PCK-410
Fully Assembled Evaluation Board, 450MHz
RF3807PCK-411
Fully Assembled Evaluation Board, 869MHz to 894MHz
RF3807PCK-412
Fully Assembled Evaluation Board, 920MHz to 960MHz
RF3807PCK-413
Fully Assembled Evaluation Board, 1800MHz to 1880MHz
RF3807PCK-414
Fully Assembled Evaluation Board, 1930MHz to 1990MHz
RF3807PCK-415
Fully Assembled Evaluation Board, UMTS
0
Rev A4 050912
0.066
0.056
-A-
0.004
0.002
0.126
0.088
EXPOSED
DIE FLAG
0.099
0.061
0.0192
0.0138
0.244
0.230
0.157
0.150
0.196
0.189
0.050
0.035
0.016
0.0098
0.0075
8° MAX
0° MIN
Shaded lead is pin 1.
Package Style: SOIC-8
RoHS Compliant & Pb-Free Product


Similar Part No. - RF3807

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3807 RFMD-RF3807 Datasheet
781Kb / 20P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3807PCK-410 RFMD-RF3807PCK-410 Datasheet
781Kb / 20P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3807PCK-411 RFMD-RF3807PCK-411 Datasheet
781Kb / 20P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3807PCK-412 RFMD-RF3807PCK-412 Datasheet
781Kb / 20P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3807PCK-413 RFMD-RF3807PCK-413 Datasheet
781Kb / 20P
GaAs HBT PRE-DRIVER AMPLIFIER
More results

Similar Description - RF3807

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3800 RFMD-RF3800 Datasheet
59Kb / 2P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3802 RFMD-RF3802 Datasheet
62Kb / 2P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3805 RFMD-RF3805 Datasheet
62Kb / 2P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3800 RFMD-RF3800_07 Datasheet
1Mb / 12P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3802 RFMD-RF3802_06 Datasheet
1Mb / 12P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3806 RFMD-RF3806 Datasheet
557Kb / 18P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3809 RFMD-RF3809 Datasheet
1Mb / 18P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3802 RFMD-RF3802_1 Datasheet
1Mb / 12P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3809 RFMD-RF3809_1 Datasheet
809Kb / 22P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3807 RFMD-RF3807_1 Datasheet
781Kb / 20P
GaAs HBT PRE-DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com