Electronic Components Datasheet Search
  English  ▼

X  

RF5184 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5184
Description  DUAL-BAND 800MHz/1900MHz W-CDMA POWER AMPLIFIER MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5184 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5184 Datasheet HTML 1Page - RF Micro Devices RF5184 Datasheet HTML 2Page - RF Micro Devices RF5184 Datasheet HTML 3Page - RF Micro Devices RF5184 Datasheet HTML 4Page - RF Micro Devices RF5184 Datasheet HTML 5Page - RF Micro Devices RF5184 Datasheet HTML 6Page - RF Micro Devices RF5184 Datasheet HTML 7Page - RF Micro Devices RF5184 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2-690
RF5184
Rev A0 060323
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (RF off)
+8.0
V
Supply Voltage (POUT≤31dBm)
+5.2
V
Control Voltage (VREG)+3.9
V
Input RF Power
+10
dBm
Mode Voltage (VMODE)+3.9
V
Operating Temperature
-30 to +110
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
High Power Mode -
W-CDMA
Cell Band (VMODE Low)
T=25oC Ambient, VCC=3.4V, VREG=2.8V,
VMODE=0V, and POUT=28dBm for all
parameters (unless otherwise specified).
Operating Frequency Range
824
849
MHz
Linear Gain
26.0
28.5
31.0
dB
Maximum Linear Output
28
dBm
Linear Efficiency
39
43
%
Maximum ICC
432
476
mA
ACLR @ 5MHz
-37
-41
dBc
ACLR @ 10MHz
-48
-54
dBc
Input VSWR
2:1
Stability In-Band
6:1
No oscillation>-70dBc
Stability Out-of-Band
10:1
No damage
Noise Power
-133
dBm/Hz
At 45MHz offset.
Mid Power Mode -
W-CDMA
Cell Band (VMODE High)
T=25oC Ambient, VCC=3.4V, VREG=2.8V,
VMODE=2.8V, and POUT=16dBm for all
parameters (unless otherwise specified).
Operating Frequency Range
824
849
MHz
Linear Gain
25
27
30
dB
Maximum Linear Output
16
dBm
Maximum ICC
125
150
mA
ACLR @5MHz
-37
-41
dBc
ACLR @10MHz
-48
-59
dBc
Input VSWR
2:1
Output VSWR Stability
6:1
No oscillation>-70dBc
10:1
No damage
Low Power Mode -
W-CDMA
Cell Band (VMODE High)
T=25oC Ambient, VCC=0.75V, VREG=2.8V,
VMODE=2.8V, and POUT=8dBm for all
parameters (unless otherwise specified).
Operating Frequency Range
824
849
MHz
Linear Gain
22
dB
Efficiency
11.5
%
ACLR @ 5MHz
-42
dBc
ACLR @ 10MHz
-55
dBc
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com