Electronic Components Datasheet Search
  English  ▼

X  

RF5184 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF5184
Description  DUAL-BAND 800MHz/1900MHz W-CDMA POWER AMPLIFIER MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5184 Datasheet(HTML) 6 Page - RF Micro Devices

  RF5184 Datasheet HTML 1Page - RF Micro Devices RF5184 Datasheet HTML 2Page - RF Micro Devices RF5184 Datasheet HTML 3Page - RF Micro Devices RF5184 Datasheet HTML 4Page - RF Micro Devices RF5184 Datasheet HTML 5Page - RF Micro Devices RF5184 Datasheet HTML 6Page - RF Micro Devices RF5184 Datasheet HTML 7Page - RF Micro Devices RF5184 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2-694
RF5184
Rev A0 060323
Evaluation Board Schematic - W-CDMA
50
Ω μstrip
RF IN - PCS
VREG_Cell
C4
4.7
μF
VMODE_Cell
50
Ω μstrip
RF IN_Cell
C11
2200 pF
C8
4.7
μF
VCC1_Cell
VCC2_Cell
C9
1000 pF
C17
0.1
μF
VCC2_PCS
C6
4.7
μF
VCC1_PCS
C6
4.7
μF
VMODE_PCS
24
23
22
21
1
2
3
4
10
9
8
7
13
14
15
16
6
5
12
11
17
18
20
19
Bias
PCS
Bias
Cell
C16
2200 pF
C
4.7
μF
VCC BIAS
VREG_PCS
C13
2200 pF
C2
4.7
μF
C14
2200 pF
C7
4.7
μF
C12
2200 pF
C5
22
μF
C10
2200 pF
R1
0
Ω
C1
22
μF
50
Ω μstrip
RF OUT_PCS
50
Ω μstrip
RF OUT_Cell
C18
0.5 pF
105 mils
50
Ω μstrip,
Length = 110 mils



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com