Electronic Components Datasheet Search
  English  ▼

X  

RF5300 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5300
Description  3V, 5GHz LINEAR POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5300 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5300 Datasheet HTML 1Page - RF Micro Devices RF5300 Datasheet HTML 2Page - RF Micro Devices RF5300 Datasheet HTML 3Page - RF Micro Devices RF5300 Datasheet HTML 4Page - RF Micro Devices RF5300 Datasheet HTML 5Page - RF Micro Devices RF5300 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2-656
RF5300
Rev A8 051107
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +6.0
VDC
Power Control Voltage (VREG)
-0.5 to 3.5
V
DC Supply Current
600
mA
Input RF Power
+10
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture sensitivity
JEDEC Level 3
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25°C, VCC=3.3V, VREG=2.8V,
Freq=4900MHz to 5850MHz
Frequency Range
4900 to 5850
MHz
Output Power
With 802.11a modulation (54Mbit/s) meeting
spectral mask and EVM requirements
VCC=3.3V
16
dBm
F=4900MHz to 5000MHz,
F=5700MHz to 5850MHz
18
dBm
F=5150MHz to 5350MHz
EVM
2.7
%
VCC=3.3V
18
dBm
F=4900MHz to 5850MHz
EVM
4
%
VCC=5.0V
19
20
dBm
F=4900MHz to 5850MHz
EVM
4
%
Gain (RFPOUT=+15dBm)
26
28
dB
F=4900MHz to 5000MHz
29
30
dB
F=5150MHz to 5350MHz
24
26
dB
F=5700MHz to 5850MHz
Power Detect (P_detect) Voltage
0.50
0.65
0.70
VDC
RF POUT=+11dBm (4900MHz to 5850MHz)
1.1
1.3
1.5
VDC
RF POUT=+18dBm (4900MHz to 5850MHz)
1.3
1.5
1.7
VDC
RF POUT=+19dBm (4900MHz to 5850MHz)
Power Supply
Operating Voltage
3.0 to 5.0
V
Current Consumption
265
mA
POUT=18dBm, VCC=3.3V, VREG=+2.8V
195
mA
Idle current, VCC=3.3V, VREG=2.8V
VREG Current (Total)
5
10
mA
VCC=3.3V
10
15
mA
VCC=5.0V
Caution! ESD sensitive device.
Refer to “Handling of PSOP and PSSOP Products”
on page 16-15 for special handling information.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. RoHS marking based on EUDirective2002/95/EC
(at time of this printing). However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com