Electronic Components Datasheet Search
  English  ▼

X  

RF5300 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5300
Description  3V, 5GHz LINEAR POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5300 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5300 Datasheet HTML 1Page - RF Micro Devices RF5300 Datasheet HTML 2Page - RF Micro Devices RF5300 Datasheet HTML 3Page - RF Micro Devices RF5300 Datasheet HTML 4Page - RF Micro Devices RF5300 Datasheet HTML 5Page - RF Micro Devices RF5300 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2-655
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
5
6
9
10
11
4
3
2
1
13
14
16
7
8
15
12
GND
RF IN
RF IN
GND
GND
GND
RF OUT
RF OUT
Interstage
Match
Input
Match
Output
Match
Interstage
Match
Bias
Bias
RF5300
3V, 5GHz LINEAR POWER AMPLIFIER
• IEEE802.11a/n WLAN Applications
• HyperLAN
• Wireless LAN Systems
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
• Spread-Spectrum and MMDS Systems
The RF5300 is a linear, medium-power, high-efficiency
amplifier IC designed specifically for battery-powered
WLAN applications such as PC cards, mini PCI, and
compact flash applications. The device is manufactured
on an advanced Gallium Arsenide Heterojunction Bipolar
Transistor (HBT) process, and has been designed for use
as the final RF amplifier in 5GHz WLAN and other
spread-spectrum transmitters. The device is provided in a
16-pin leadless chip carrier with a backside ground. The
RF5300 is designed to maintain linearity over a wide
range of supply voltage and power output. The RF5300 is
designed to reduce end-product BOM count by integrat-
ing all matching circuitry onto the chip.
• Single Power Supply 3.0V to 5.0V
•50
Ω Input/Output Impedance
• 30dB Gain (typ. UNII-1 and 2)
• High Linearity
• 4900MHz to 5850MHz Frequency Range
RF5300
3V, 5GHz Linear Power Amplifier
RF5300PCBA-41X Fully Assembled Evaluation Board
0
Rev A8 051107
Dimensions in mm.
Shaded lead is pin 1.
0.1 C
0.102 REF
0.203 REF
0.925
0.775
C
0.08 C
0.15 C
2 PLCS
0.15 C
2 PLCS
3.00
A
3.00
B
Pin 1 ID
0.10
C AB
M
0.40
0.20
TYP
1.70
1.70
0.28
0.18
TYP
0.50 TYP
Pin 1 ID
0.05
Package Style: QFN, 16-Pin, 3x3
RoHS Compliant & Pb-Free Product


Similar Part No. - RF5300

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5300 RFMD-RF5300 Datasheet
237Kb / 10P
3V, 5GHz LINEAR POWER AMPLIFIER
RF5300PCBA-41X RFMD-RF5300PCBA-41X Datasheet
237Kb / 10P
3V, 5GHz LINEAR POWER AMPLIFIER
RF5300 RFMD-RF5300_1 Datasheet
237Kb / 10P
3V, 5GHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF5300

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2129 RFMD-RF2129 Datasheet
83Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163 Datasheet
96Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2189 RFMD-RF2189 Datasheet
102Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2196 RFMD-RF2196 Datasheet
180Kb / 8P
3V PCS LINEAR POWER AMPLIFIER
RF5189 RFMD-RF5189_06 Datasheet
203Kb / 10P
3V, 2.45GHz LINEAR POWER AMPLIFIER
RF5300 RFMD-RF5300_1 Datasheet
237Kb / 10P
3V, 5GHz LINEAR POWER AMPLIFIER
RF5189 RFMD-RF5189_1 Datasheet
254Kb / 12P
3V, 2.45GHz LINEAR POWER AMPLIFIER
RF5355 RFMD-RF5355 Datasheet
1Mb / 11P
3.3V, 5GHz LINEAR POWER AMPLIFIER
SZM-5066Z RFMD-SZM-5066Z Datasheet
1Mb / 14P
5.0V, 5GHz HIGH POWER LINEAR POWER AMPLIFIER
logo
Qorvo, Inc
SZM-5066Z QORVO-SZM-5066Z Datasheet
1Mb / 14P
5.0V, 5GHz HIGH POWER LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com