Electronic Components Datasheet Search
  English  ▼

X  

SPX431L Datasheet(PDF) 7 Page - Sipex Corporation

Part # SPX431L
Description  Precision Adjustable Shunt Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX431L Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SPX431L Datasheet HTML 3Page - Sipex Corporation SPX431L Datasheet HTML 4Page - Sipex Corporation SPX431L Datasheet HTML 5Page - Sipex Corporation SPX431L Datasheet HTML 6Page - Sipex Corporation SPX431L Datasheet HTML 7Page - Sipex Corporation SPX431L Datasheet HTML 8Page - Sipex Corporation SPX431L Datasheet HTML 9Page - Sipex Corporation SPX431L Datasheet HTML 10Page - Sipex Corporation SPX431L Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Date: 5/25/04
SPX431L Precision Adjustable Shunt Regulator
© Copyright 2004 Sipex Corporation5
Figure 21. Constant Current Sink, I
SINK = VREF/R1
Figure 22. Reference Amplifier for Isolated Feedback in
Off-Line DC-DC Converters
Figure 23. Precision High Current Series Regulator
V
OUT = (1+R1/R2)VREF
Figure 24. High Current Shunt regulator
V
OUT = (1+R1/R2)VREF
Figure 25. Single Supply Comparator with Temperature
Compensated Threshold. V
IN threshold = 2.5V.
Q1
VIN
R2
R1
0.1%
ISINK
SPX431L
R2
0.1%
R3
R1
0.1%
VOUT
SPX431L
C2
C1
Isolated
Feedback
VOUTRTN
+
R3 sets feedback gain,
C1 provides feedback
compensation
Opto Isolator
VIN
R1
0.1%
SPX431L
R3
R2
0.1%
C1
R5
R4
VOUT
VIN
R1
0.1%
SPX431L
R3
R2
0.1%
Q1
VOUT
VCC
R2
SPX431L
VIN
VOUT
R1
* Resistor values are chosen such that the effect to
I
REF is negligible.
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com