Electronic Components Datasheet Search
  English  ▼

X  

SPX431L Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX431L
Description  Precision Adjustable Shunt Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX431L Datasheet(HTML) 3 Page - Sipex Corporation

  SPX431L Datasheet HTML 1Page - Sipex Corporation SPX431L Datasheet HTML 2Page - Sipex Corporation SPX431L Datasheet HTML 3Page - Sipex Corporation SPX431L Datasheet HTML 4Page - Sipex Corporation SPX431L Datasheet HTML 5Page - Sipex Corporation SPX431L Datasheet HTML 6Page - Sipex Corporation SPX431L Datasheet HTML 7Page - Sipex Corporation SPX431L Datasheet HTML 8Page - Sipex Corporation SPX431L Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Date: 5/25/04
SPX431L Precision Adjustable Shunt Regulator
© Copyright 2004 Sipex Corporation5
PARAMETER
SYMBOL
FIGURE
CONDITIONS
MIN
TYP
MAX
UNITS
SPX431LC
Reference Voltage
VREF
2
2.445
2.495
2.545
V
∆VREF withTemp.*
TC
2
0.07
0.20
mV/°C
Ratio of Change in VREF
∆ VREF
3VREF to 10V
-2.7
-1.0
mV/V
to Cathode Voltage
∆VK
10V to 20V
-2.0
-0.4
0.3
Reference Input Current
IREF
3
0.7
4.0
µA
IREF Temp Deviation
∆IREF
3TJ = 0°C to 105°C
0.4
1.2
µA
Min IK for Regulation
IK(MIN)
2
0.4
1.0
mA
Off State Leakage
IK(OFF)
4VREF = 0V, VKA = 16V
0.04
1.0
µA
Dynamic Output
ZKA
2ƒz ≤ 1kHz
0.15
0.5
Ω
Impedance
IK = 1 to 100mA
∆T
∆V
REF
015
304560
7590
105
-10
0.5
5000
0
00
0.07 mV/°C
0.003 %/°C
27 ppm/°C
ppm
%
mV
Junction Temperature (°C)
• TC in ppm/°C =
• TC in %/°C =
• TC in mV/°C = ∆
VREF (mV)
∆TA
(∆
VREF at 25°C
)
∆TA
∆VREF
x 100
(∆
VREF at 25°C
)
∆TA
∆VREF
x 106
CALCULATING AVERAGE TEMPERATURE COEFFICIENT (TC)
Figure 1. V
REF VS Temperature.
Operating Range (T
J) = 0°C to 105°C.
* See appropiate test circuit (Figure 2)
ELECTRICAL CHARACTERISTICS
Electrical characteristics at 25
°C I
K = 10mA VK = VREF, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com