Electronic Components Datasheet Search
  English  ▼

X  

SPX1004 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SPX1004
Description  1.2V / 2.5V Micropower Voltage Reference
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1004 Datasheet(HTML) 8 Page - Sipex Corporation

  SPX1004 Datasheet HTML 1Page - Sipex Corporation SPX1004 Datasheet HTML 2Page - Sipex Corporation SPX1004 Datasheet HTML 3Page - Sipex Corporation SPX1004 Datasheet HTML 4Page - Sipex Corporation SPX1004 Datasheet HTML 5Page - Sipex Corporation SPX1004 Datasheet HTML 6Page - Sipex Corporation SPX1004 Datasheet HTML 7Page - Sipex Corporation SPX1004 Datasheet HTML 8Page - Sipex Corporation SPX1004 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ORDERING INFORMATION
Part Number
Accuracy
Output
Voltage
MSL Level
RoHS
Package
Pack Type
Quantity
SPX1004AS1-L-1-2
0.8%
1.235V
L1 @ 260ºC
Yes
NSOIC8
TUBE
98
SPX1004AS1-L-1-2/TR
0.8%
1.235V
L1 @ 260ºC
Yes
NSOIC8
Tape & Reel
2500
SPX1004AS2-L-1-2
0.8%
1.235V
L1 @ 260ºC
Yes
NSOIC8
Alt. Pinout
TUBE
98
SPX1004AS2-L-1-2/TR
0.8%
1.235V
L1 @ 260ºC
Yes
NSOIC8
Tape & Reel
2500
SPX1004S1-L-1-2
0.8%
1.235V
L1 @ 260ºC
Yes
NSOIC8
TUBE
98
SPX1004S1-L-1-2/TR
0.8%
1.235V
L1 @ 260ºC
Yes
NSOIC8
Tape & Reel
2500
SPX1004S2-L-1-2
0.8%
1.235V
L1 @ 260ºC
Yes
NSOIC8
Alt. Pinout
TUBE
98
SPX1004S2-L-1-2/TR
0.8%
1.235V
L1 @ 260ºC
Yes
NSOIC8
Alt. Pinout
Tape & Reel
2500
SPX1004AM1-L-1-2
0.8%
1.235V
L2 @ 260ºC
Yes
SOT-89-3
Canister
Any
SPX1004AM1-L-1-2/TR
0.8%
1.235V
L2 @ 260ºC
Yes
SOT-89-3
Tape & Reel
2500
SPX1004M-L-1-2
0.8%
1.235V
L2 @ 260ºC
Yes
SOT-89-3
Canister
Any
SPX1004M-L-1-2/TR
0.8%
1.235V
L2 @ 260ºC
Yes
SOT-89-3
Tape & Reel
2500
SPX1004AN-L-1-2
0.8%
1.235V
No MSL for thru
hole package.
Yes
TO-92-3
BOX
Any
SPX1004AN-L-1-2/TR
0.8%
1.235V
No MSL for thru
hole package.
Yes
TO-92-3
Tape & Reel
2000
SPX1004N-L-1-2
0.8%
1.235V
No MSL for thru
hole package.
Yes
TO-92-3
BOX
Any
SPX1004N-L-1-2/TR
0.8%
1.235V
No MSL for thru
hole package.
Yes
TO-92-3
Tape & Reel
2000
SPX1004AS1-1-2
0.8%
1.235V
L1 @ 240ºC
No
NSOIC8
TUBE
98
SPX1004AS1-1-2/TR
0.8%
1.235V
L1 @ 240ºC
No
NSOIC8
Tape & Reel
2500
SPX1004AS2-1-2
0.8%
1.235V
L1 @ 240ºC
No
NSOIC8
Alt. Pinout
TUBE
98
SPX1004AS2-1-2/TR
0.8%
1.235V
L1 @ 240ºC
No
NSOIC8
Alt. Pinout
Tape & Reel
2500
SPX1004S1-1-2
0.8%
1.235V
L1 @ 240ºC
No
NSOIC8
TUBE
98
SPX1004S1-1-2/TR
0.8%
1.235V
L1 @ 240ºC
No
NSOIC8
Tape & Reel
2500
SPX1004S2-1-2
0.8%
1.235V
L1 @ 240ºC
No
NSOIC8
Alt. Pinout
TUBE
98
SPX1004S2-1-2/TR
0.8%
1.235V
L1 @ 240ºC
No
NSOIC8
Alt. Pinout
Tape & Reel
2500
SPX1004AM1-1-2
0.8%
1.235V
L1 @ 240ºC
No
SOT-89-3
Canister
Any
SPX1004AM1-1-2/TR
0.8%
1.235V
L1 @ 240ºC
No
SOT-89-3
Tape & Reel
2500
SPX1004M1-1-2
0.8%
1.235V
L1 @ 240ºC
No
SOT-89-3
Canister
Any
SPX1004M1-1-2/TR
0.8%
1.235V
L1 @ 240ºC
No
SOT-89-3
Tape & Reel
2500
SPX1004M-1-2
0.8%
1.235V
L1 @ 240ºC
No
SOT-89-3
Canister
Any
SPX1004M-1-2/TR
0.8%
1.235V
L1 @ 240ºC
No
SOT-89-3
Tape & Reel
2500
SPX1004AN-1-2
0.8%
1.235V
No MSL for thru
hole package.
No
TO-92-3
BOX
Any
SPX1004AN-1-2/TR
0.8%
1.235V
No MSL for thru
hole package.
No
TO-92-3
Tape & Reel
2000
SPX1004N-1-2
0.8%
1.235V
No MSL for thru
hole package.
No
TO-92-3
BOX
Any
SPX1004N-1-2/TR
0.8%
1.235V
No MSL for thru
hole package.
No
TO-92-3
Tape & Reel
2000
8
Date: 05/17/07
SPX1004 1.2V/2.5V Micropower Voltage Reference
© Copyright 2007 Sipex Corporation



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com