Electronic Components Datasheet Search
  English  ▼

X  

SPX1004 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SPX1004
Description  1.2V / 2.5V Micropower Voltage Reference
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1004 Datasheet(HTML) 9 Page - Sipex Corporation

  SPX1004 Datasheet HTML 1Page - Sipex Corporation SPX1004 Datasheet HTML 2Page - Sipex Corporation SPX1004 Datasheet HTML 3Page - Sipex Corporation SPX1004 Datasheet HTML 4Page - Sipex Corporation SPX1004 Datasheet HTML 5Page - Sipex Corporation SPX1004 Datasheet HTML 6Page - Sipex Corporation SPX1004 Datasheet HTML 7Page - Sipex Corporation SPX1004 Datasheet HTML 8Page - Sipex Corporation SPX1004 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
Date: 05/17/07
SPX1004 1.2V/2.5V Micropower Voltage Reference
© Copyright 2007 Sipex Corporation
ORDERING INFORMATION
(continued)
Part Number
Accuracy
Output
Voltage
MSL Level
RoHS
Package
Pack Type
Quantity
SPX1004S1-L-2-5
0.8%
2.500V
L1 @ 260ºC
Yes
NSOIC8
TUBE
98
SPX1004S1-L-2-5/TR
0.8%
2.500V
L1 @ 260ºC
Yes
NSOIC8
Tape & Reel
2500
SPX1004S2-L-2-5
0.8%
2.500V
L1 @ 260ºC
Yes
NSOIC8
Alt. Pinout
TUBE
98
SPX1004S2-L-2-5/TR
0.8%
2.500V
L1 @ 260ºC
Yes
NSOIC8
Alt. Pinout
Tape & Reel
2500
SPX1004M1-L-2-5
0.8%
2.500V
L2 @ 260ºC
Yes
SOT-89-3
Canister
Any
SPX1004M1-L-2-5/TR
0.8%
2.500V
L2 @ 260ºC
Yes
SOT-89-3
Tape & Reel
2500
SPX1004M-L-2-5
0.8%
2.500V
L2 @ 260ºC
Yes
SOT-89-3
Canister
Any
SPX1004M-L-2-5/TR
0.8%
2.500V
L2 @ 260ºC
Yes
SOT-89-3
Tape & Reel
2500
SPX1004N-L-2-5
0.8%
2.500V
No MSL for thru
hole package.
Yes
TO-92-3
BOX
Any
SPX1004N-L-2-5/TR
0.8%
2.500V
No MSL for thru
hole package.
Yes
TO-92-3
Tape & Reel
2000
SPX1004S1-2-5
0.8%
2.500V
L1 @ 240ºC
No
NSOIC8
TUBE
98
SPX1004S1-2-5/TR
0.8%
2.500V
L1 @ 240ºC
No
NSOIC8
Tape & Reel
2500
SPX1004S2-2-5
0.8%
2.500V
L1 @ 240ºC
No
NSOIC8
Alt. Pinout
TUBE
98
SPX1004S2-2-5/TR
0.8%
2.500V
L1 @ 240ºC
No
NSOIC8
Alt. Pinout
Tape & Reel
2500
SPX1004M1-2-5
0.8%
2.500V
L1 @ 240ºC
No
SOT-89-3
Canister
Any
SPX1004M1-2-5/TR
0.8%
2.500V
L1 @ 240ºC
No
SOT-89-3
Tape & Reel
2500
SPX1004M-2-5
0.8%
2.500V
L1 @ 240ºC
No
SOT-89-3
Canister
Any
SPX1004M-2-5/TR
0.8%
2.500V
L1 @ 240ºC
No
SOT-89-3
Tape & Reel
2500
SPX1004N-2-5
0.8%
2.500V
No MSL for thru
hole package.
No
TO-92-3
BOX
Any
SPX1004N-2-5/TR
0.8%
2.500V
No MSL for thru
hole package.
No
TO-92-3
Tape & Reel
2000
For latest information on ordering status, go to the Sipex Web Landing Page for this product
http://www.sipex.com/searchResults.aspx?keywordsval=spx1004
Solved by
TM
For further assistance:
Email:
Sipexsupport@sipex.com
WWW Support page:
http://www.sipex.com/content.aspx?p=support
Sipex Application Notes:
http://www.sipex.com/applicationNotes.aspx
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
tel: (408) 934-7500
fax: (408) 935-7600
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not
assume any liability arising out of the application or use of any product or circuit described herein; neither
does it convey any license under its patent rights nor the rights of others.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com