Electronic Components Datasheet Search
  English  ▼

X  

SPX1587 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX1587
Description  3A Low Dropout Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1587 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX1587 Datasheet HTML 1Page - Sipex Corporation SPX1587 Datasheet HTML 2Page - Sipex Corporation SPX1587 Datasheet HTML 3Page - Sipex Corporation SPX1587 Datasheet HTML 4Page - Sipex Corporation SPX1587 Datasheet HTML 5Page - Sipex Corporation SPX1587 Datasheet HTML 6Page - Sipex Corporation SPX1587 Datasheet HTML 7Page - Sipex Corporation SPX1587 Datasheet HTML 8Page - Sipex Corporation SPX1587 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image

Jun8-07 Rev D
SPX587 Low-Dropout Voltage Regulator
© 2007 Sipex Corporation
APPLICATION INFORMATION
Output Capacitor
To ensure the stability of the SPX1587, an output
capacitor of at least 10µF (ceramic or tantalum) or
22µF (aluminum) is required. The value may change
based on the application requirements of the output
load or temperature range. The value of ESR can vary
based on the type of capacitor used in the applica-
tions to guarantee stability. The recommended value
for ESR is 0.5 or less. A larger value of output
capacitance (up to 100µF) can improve the load
transient response.
Soldering Methods
The SPX1587 die is attached to the heatsink lead which
exits opposite the input, output, and ground pins.
Thermal Characteristics
The SPX1587 features the internal thermal limiting
to protect the device during overload conditions.
Special care needs to be taken during continuous load
conditions such that the maximum junction tempera-
ture does not exceed 125°C. Thermal protection is
activated at >179°C and deactiviated at <165 °C.
The thermal interaction from other components in
the application can effect the thermal resistance of
the SPX1587. The actual thermal resistance can be
determined with experimentation.
SPX1587 power dissipation is calculated as follows:
P
D= (V IN- V OUT)(IOUT)
Maximum Junction Temperature range:
T
J= T A(max) + PD*
JA
(junction-to-ambient thermal resistance)
Maximumjunctiontemperaturemustnotexceed125°C.
Ripple Rejection
Ripple rejection can be improved by adding a capaci-
tor between the ADJ pin and ground as shown in
Figure 8. When ADJ pin bypassing is used, the value
of the output capacitor required increases to its maxi-
mum. If the ADJ pin is not bypassed, the value of the
output capacitor can be lowered to 22µF for an
electrolytic aluminum capacitor or 10µF for a solid
tantalum capacitor (Fig 7).
However the value of the ADJ-bypass capacitor
should be chosen with respect to the following
equation:
C = 1 / ( 6.28 * F
R* R 1)
Where
C = value of the capacitor in Farads
(select an equal or larger standard value),
F
R= ripple frequency in Hz,
R
1= value of resistor R1 in Ohms.
If an ADJ-bypass capacitor is used, the amplitude of
the output ripple will be independent of the output
voltage. If an ADJ-bypass capacitor is not used, the
output ripple will be proportional to the ratio of the
output voltage to the reference voltage:
M = V
OUT / VREF
Where M = multiplier for the ripple seen when the
ADJ pin is optimally bypassed.
V
REF=1.25V
Ripple rejection for the adjustable version is shown
in Figure 5.
Output Voltage
The output of the adjustable regulator can be set to
any voltage between 1.25V and 15V. The value of
V
OUT can be quickly approximated using the formula
V
OUT=1.25 *(R1+ R 2)/R1
A small correction to this formula is required de-
pending on the values of resistors R
1 and R2, since the
adjustable pin current (approx 50µA) flows through
R
2.
When I
ADJ is taken into account, the formula
becomes
V
OUT= V REF(1+ (R2/R1)) + IADJ* R 2
where
V
REF=1.25V
Layout Considerations
Parasitic line resistance can degrade load regulation.
In order to avoid this, connect R
1 directly to VOUT as
illustrated in Figure 13. For the same reason, R
2
should be connected to the negative side of the load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com