Electronic Components Datasheet Search
  English  ▼

X  

SPX1587 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SPX1587
Description  3A Low Dropout Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1587 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SPX1587 Datasheet HTML 2Page - Sipex Corporation SPX1587 Datasheet HTML 3Page - Sipex Corporation SPX1587 Datasheet HTML 4Page - Sipex Corporation SPX1587 Datasheet HTML 5Page - Sipex Corporation SPX1587 Datasheet HTML 6Page - Sipex Corporation SPX1587 Datasheet HTML 7Page - Sipex Corporation SPX1587 Datasheet HTML 8Page - Sipex Corporation SPX1587 Datasheet HTML 9Page - Sipex Corporation SPX1587 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image

Jun8-07 Rev D
SPX587 Low-Dropout Voltage Regulator
© 2007 Sipex Corporation
PINOUTS
Top View
TO-263-3 (T)
1
2
3
Front View
TO-220-3 (U)
1 2 3
Front View
TO-252 (R)
ADJ/GND V
OUT
1
2 3
VIN
ADJ/GND V
OUT
VIN
ADJ/GND V
OUT
VIN
Note that TAB is connected to VOUTfor all 3 package types.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com