Electronic Components Datasheet Search
  English  ▼

X  

SP6133 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6133
Description  Evaluation Board Manual
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6133 Datasheet(HTML) 3 Page - Sipex Corporation

  SP6133 Datasheet HTML 1Page - Sipex Corporation SP6133 Datasheet HTML 2Page - Sipex Corporation SP6133 Datasheet HTML 3Page - Sipex Corporation SP6133 Datasheet HTML 4Page - Sipex Corporation SP6133 Datasheet HTML 5Page - Sipex Corporation SP6133 Datasheet HTML 6Page - Sipex Corporation SP6133 Datasheet HTML 7Page - Sipex Corporation SP6133 Datasheet HTML 8Page - Sipex Corporation SP6133 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Rev 3/30/06
SP6133 Evaluation Manual
Copyright 2006 Sipex Corporation
Page 3 of 10
Efficiency vs Load Current
40
50
60
70
80
90
100
0.0
2.0
4.0
6.0
8.0
10.0
Load current (A)
Output Voltage vs Load Current
3.320
3.325
3.330
3.335
3.340
0.0
2.0
4.0
6.0
8.0
10.0
Load current (A)
Figure 1. Efficiency vs Load
Figure 2. Load Regulation
Figure 3. Load Step Response: 5->10A
Figure 4. Load Step Response: 0->10A
Figure 5. Start-Up Response: No Load
Figure 6. Start-Up Response: 5A Load
Figure 7. Start-Up Response: 10A Load
Figure 8. Output Load Short Circuit
Vout (100mV/div)
Iout (5A/div)
Vin=12V
Vout=3.3V
Vin=12V
Vout=3.3V
Vin=12V
Vout=3.3V
SoftStart
Iout(5A/div)
Vin
Vout
SoftStart
Iout(5A/div)
Vin
Vout
SoftStart
Iout(5A/div)
Vin
Vout
Vout (200mV/div)
Iout (5A/div)
Vin=12V
Vout=3.3V
SoftStart
Ichoke(25A/div)
Vout
Vin=12V
Vout=3.3V
Vin=12V
Vout=3.3V
Vin=12V
Vout=3.3V
Vin=12V
Vout=3.3V
Vout



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com