Electronic Components Datasheet Search
  English  ▼

X  

SP6133 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6133
Description  Evaluation Board Manual
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6133 Datasheet(HTML) 4 Page - Sipex Corporation

  SP6133 Datasheet HTML 1Page - Sipex Corporation SP6133 Datasheet HTML 2Page - Sipex Corporation SP6133 Datasheet HTML 3Page - Sipex Corporation SP6133 Datasheet HTML 4Page - Sipex Corporation SP6133 Datasheet HTML 5Page - Sipex Corporation SP6133 Datasheet HTML 6Page - Sipex Corporation SP6133 Datasheet HTML 7Page - Sipex Corporation SP6133 Datasheet HTML 8Page - Sipex Corporation SP6133 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Rev 3/30/06
SP6133 Evaluation Manual
Copyright 2006 Sipex Corporation
Page 4 of 10
Figure 9. Output Noise at No Load
Figure 10. Output Noise at 10A Load
Series R
Isat
Manufacturer
mOhms
(A)
LxW(mm) Ht.(mm)
Website
2.7
Inter-Technical SC5018-2R7
4.1
15.00
12.6x12.6
4.50 ShieldedFerrite Core
www.inter-technical.com
ESR
Ripple Current
Voltage
Capacitor
Manufacturer
ohms (max)
(A) @45C
LxW(mm) Ht.(mm)
(V)
Type
Website
22
TDK C4532X5R1C336M
0.005
4.00
3X2
2.00
16.0
X5RCeramic
www.TDK.com
100
TDK C3225X5R0J107M
0.005
4.00
3X2
2.00
6.3
X5RCeramic
www.TDK.com
MOSFETS- SURFACEMOUNT
RDS(on)
IDCurrent
Voltage
Foot Print
Manufacturer
ohms (max)
(A)
nC(Typ) nC(Max) (V)
Website
N-Ch
VISHAYSi4394DY
9.75
14.0
12.5
30.0
SO-8
www.vishay.com
N-Ch
VISHAYSi4320DY
4
22.0
45.0
70.0
30.0
SO-8
www.vishay.com
INDUCTORS- SURFACEMOUNT
CAPACITORS- SURFACEMOUNT
Capacitance(
uF)
Inductance
(uH)
Size
Inductor Type
Size
Capacitor Specification
Manufacturer/Part No.
Manufacturer/Part No.
Inductor Specification
MOSFET
Manufacturer/Part No.
MOSFETSpecification
Qg
Table 1: SP6133EB Suggested Components and Vendor Lists
Vout Ripple(20mV/div)
SW Node
Vin=12V
Vout=3.3V
Vout Ripple(20mV/div)
SW Node
Vin=12V
Vout=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com