Electronic Components Datasheet Search
  English  ▼

X  

SP6654EB Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6654EB
Description  Evaluation Board Manual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6654EB Datasheet(HTML) 1 Page - Sipex Corporation

  SP6654EB Datasheet HTML 1Page - Sipex Corporation SP6654EB Datasheet HTML 2Page - Sipex Corporation SP6654EB Datasheet HTML 3Page - Sipex Corporation SP6654EB Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Date: 02/18/05
SP6654 Evaluation Board Manual
Copyright Sipex Corporation
DESCRIPTION
The SP6654 Evaluation Board is designed to help the user evaluate the performance
of the SP6654 for use as a single Li-Ion battery Step-Down DC-DC Converter. The
SP6654 operates from 2.7V to 5.5Vinput, with the highest efficiency in the range 3.0V to
4.2V where the Li-Ion battery has the most energy. The SP6654EB evaluation board is
a complete power supply circuit to provide ease of evaluation for the DC/DC Converter
performance.
FIGURE 1. SP6654 3.3V OUTPUT EVALUATION BOARD SCHEMATIC
COUT
22uF
CIN
22uF
CVIN
1.0uF
Vout 3.3V 800mA
1
L1
10uH
D0
PWRGD
RVIN
10.0
SP6654
U1
PVin
1
Vin
2
PWRGD
3
D1
4
D0
5
FB
6
Vout
7
GND
8
PGND
9
LX
10
Vin 2.7 - 5.5VDC
CF
22pF
RI
261K
3
1
2
RF
825K
D1
3
2
SP6654EB
Evaluation Board Manual
High Efficiency
Synchronous Step-Down
Converter with up to
98% efficiency
800mA Output Current,
only 20uA Quiescent
Current
2.7V-6.5V Input Voltage
range, Output Adjustable
down to 0.8V
µSOIC Package & DFN
Ceramic Capacitors for
small, low profile Power
Supply


Similar Part No. - SP6654EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6654ER SIPEX-SP6654ER Datasheet
203Kb / 16P
High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
SP6654ER SIPEX-SP6654ER Datasheet
184Kb / 17P
High Efficiency 800mA Synchronous Buck Regulator
logo
Exar Corporation
SP6654ER EXAR-SP6654ER Datasheet
189Kb / 17P
High Efficiency 800mA Synchronous Buck Regulator
logo
Sipex Corporation
SP6654ER/TR SIPEX-SP6654ER/TR Datasheet
203Kb / 16P
High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
SP6654ER/TR SIPEX-SP6654ER/TR Datasheet
184Kb / 17P
High Efficiency 800mA Synchronous Buck Regulator
More results

Similar Description - SP6654EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7648 SIPEX-SP7648_05 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
SP7680 SIPEX-SP7680_07 Datasheet
97Kb / 6P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com