Electronic Components Datasheet Search
  English  ▼

X  

SP6654EB Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6654EB
Description  Evaluation Board Manual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6654EB Datasheet(HTML) 2 Page - Sipex Corporation

  SP6654EB Datasheet HTML 1Page - Sipex Corporation SP6654EB Datasheet HTML 2Page - Sipex Corporation SP6654EB Datasheet HTML 3Page - Sipex Corporation SP6654EB Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
FIGURE 2. SP6654 1.5V OUTPUT EVALUATION BOARD SCHEMATIC
COUT
22uF
CIN
22uF
CVIN
1.0uF
1
Vout 1.5V 800mA
PWRGD
D0
L1
10uH
SP6654
U1
PVin
1
Vin
2
PWRGD
3
D1
4
D0
5
FB
6
Vout
7
GND
8
PGND
9
LX
10
RVIN
10.0
Vin 2.7 - 5.5VDC
CF
22pF
3
RI
261K
1
2
3
D1
RF
226K
2
USING THE EVALUATION BOARD
1) Powering up the SP6654 Circuit & Programming the UVLO threshold
The SP6654 Evaluation Board can be powered from a single Li-Ion battery or a +2.7 to
+5.5V power supply. Connect with short leads directly to the “Vin” and “Gnd” posts.
Note the SP6654 will remain in “shutdown” until D0 or D1 of the Jumpers J1 or J2 are
applied to the Vin or position 1 to 2. See Table 1 for UVLO threshold programming and
D1 and D0 pin definition.
Table 1. Operating Mode Definition
D1
D0
Definition
0
0
Shutdown. All internal circuitry is disabled and the power switches are opened.
0
1
Device enabled, falling UVLO threshold = 2.70V
1
0
Device enabled, falling UVLO threshold = 2.85V
1
1
Device enabled, falling UVLO threshold = 3.00V
2) VOUT PROGRAMMING
The SP6654 requires 2 feedback resistors to control the output voltage. Connect the
appropriate resistors RF and RI (Table 2) from pin 6 SP6654 FB to Vout and to the
GND.
For Vout different from that shown in the Table 2, use equation:
RI
Vout
RF
=
1
8
.
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com