Electronic Components Datasheet Search
  English  ▼

X  

SPX2930 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SPX2930
Description  150mA Low Dropout Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2930 Datasheet(HTML) 8 Page - Sipex Corporation

  SPX2930 Datasheet HTML 1Page - Sipex Corporation SPX2930 Datasheet HTML 2Page - Sipex Corporation SPX2930 Datasheet HTML 3Page - Sipex Corporation SPX2930 Datasheet HTML 4Page - Sipex Corporation SPX2930 Datasheet HTML 5Page - Sipex Corporation SPX2930 Datasheet HTML 6Page - Sipex Corporation SPX2930 Datasheet HTML 7Page - Sipex Corporation SPX2930 Datasheet HTML 8Page - Sipex Corporation SPX2930 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Date: 03/03/05
SPX2930 150mA Low Dropout Voltage Regulator
© Copyright 2005 Sipex Corporation
PACKAGE: 3 PIN TO-220
H1
B
SEATING
PLANE
A1
A
CHAMFER
OPTIONAL
C
A2
A
A
c
WITH PLATING
BASE METAL
b
CONTACT AREA
E
øP
Q
D
D1
E2
E/2
L
L1
C
C
D
D
b
1
e
e1
e
SYMBOL
MIN
NOM
MAX
A
1.4
-
0.19
A1
0.02
-
0.055
A2
0.08
-
0.115
b
0.015
0.027
0.04
b2
0.045
-
0.07
c
0.014
-
0.024
D
0.56
-
0.65
D1
0.33
-
0.355
D2
0.48
-
0.507
E
0.38
-
0.42
E1
0.27
-
0.35
E2
-
-
0.03
e
e1
H1
0.23
-
0.27
L1
-
-
0.25
L2
---
∆P
0.139
-
0.161
Q
0.1
-
0.135
Note: Dimensions in (mm)
3 Pin TO-220 JEDEC TO-220 (AB) Variation
.100 BSC
.100 BSC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com