Electronic Components Datasheet Search
  English  ▼

X  

SPX2930 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SPX2930
Description  150mA Low Dropout Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2930 Datasheet(HTML) 6 Page - Sipex Corporation

  SPX2930 Datasheet HTML 1Page - Sipex Corporation SPX2930 Datasheet HTML 2Page - Sipex Corporation SPX2930 Datasheet HTML 3Page - Sipex Corporation SPX2930 Datasheet HTML 4Page - Sipex Corporation SPX2930 Datasheet HTML 5Page - Sipex Corporation SPX2930 Datasheet HTML 6Page - Sipex Corporation SPX2930 Datasheet HTML 7Page - Sipex Corporation SPX2930 Datasheet HTML 8Page - Sipex Corporation SPX2930 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Date: 03/03/05
SPX2930 150mA Low Dropout Voltage Regulator
© Copyright 2005 Sipex Corporation
PACKAGE PINOUTS
TO-220 (U)
Front View
12
3
V
IN
V
OUT
GND
Bottom View
13
2
V
OUT
GND
V
IN
TO-92 (N)
SOT-89 (M1)
Top View
1
V
IN
2
GND
3
V
OUT
PACKAGE: 3 PIN SOT 89
H
E
e
e1
D
D1
1
2
3
Ø1.0
C
5º(2x)
bb1
b
Ro.15
8º(2x)
L
SYMBOL
MIN
NOM
MAX
b
0.36
0.42
0.48
L0.8
-1.2
b1
0.41
0.47
0.53
C
0.38
0.4
0.43
D4.4
4.54.6
D1
1.4
1.6
1.75
H
3.94
-
4.25
E2.4
2.52.6
e
1.45
1.5
1.55
e1
2.9
3
3.1
Note: Dimensions in (mm)
3 Pin SOT-89



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com