Electronic Components Datasheet Search
  English  ▼

X  

SPX2975 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX2975
Description  400mA Low Dropout Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2975 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX2975 Datasheet HTML 1Page - Sipex Corporation SPX2975 Datasheet HTML 2Page - Sipex Corporation SPX2975 Datasheet HTML 3Page - Sipex Corporation SPX2975 Datasheet HTML 4Page - Sipex Corporation SPX2975 Datasheet HTML 5Page - Sipex Corporation SPX2975 Datasheet HTML 6Page - Sipex Corporation SPX2975 Datasheet HTML 7Page - Sipex Corporation SPX2975 Datasheet HTML 8Page - Sipex Corporation SPX2975 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Date: 1/17/05
SPX2975 400mA Low Dropout Voltage Regulator
© Copyright 2005 Sipex Corporation
TPYICAL PERFORMANCE CHARACTERISTICS
Output Current Limit Vs Temperature
0
100
200
300
400
500
600
700
800
-40
-20
0
20
40
60
80
100
120
140
160
Temperature (ºC)
Dropout Voltage Vdr Vs Output Current I
Q
0
200
400
600
800
1000
1200
0
100
200
300
400
500
600
Output Current IQ
125C
25C
Current Consumption Iq vs Output Current IQ
0
1
2
3
020
4060
80
100
120
Output Current I
Q (mA)
Current Consumption Iq vs Output Current IQ
0
10
20
30
40
50
60
0
100
200
300
400
500
600
Output Current I
Q
(mA)
Iq vs Temperature
0E+00
1E-05
2E-05
3E-05
4E-05
5E-05
6E-05
7E-05
8E-05
9E-05
-40
10
60
110
160
Temperature (°C)
Iload = 100uA
Iload = 1mA
Iq vs Temperature
0.0E+00
5.0E-03
1.0E-02
1.5E-02
2.0E-02
2.5E-02
-40
10
60
110
160
Temperature (°C)
Iload = 250mA
Iload = 400mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com