Electronic Components Datasheet Search
  English  ▼

X  

SPX2975 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SPX2975
Description  400mA Low Dropout Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2975 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SPX2975 Datasheet HTML 2Page - Sipex Corporation SPX2975 Datasheet HTML 3Page - Sipex Corporation SPX2975 Datasheet HTML 4Page - Sipex Corporation SPX2975 Datasheet HTML 5Page - Sipex Corporation SPX2975 Datasheet HTML 6Page - Sipex Corporation SPX2975 Datasheet HTML 7Page - Sipex Corporation SPX2975 Datasheet HTML 8Page - Sipex Corporation SPX2975 Datasheet HTML 9Page - Sipex Corporation SPX2975 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Date: 1/17/05
SPX2975 400mA Low Dropout Voltage Regulator
© Copyright 2005 Sipex Corporation
TPYICAL PERFORMANCE CHARACTERISTICS
VIN vs. VOUT , RL= 25Ω, Temp = 125ºC
0
1
2
3
4
5
6
0
2.5
5
10
203040
Vin ( V )
VIN vs. VOUT, RL = 25Ω, temp = 25ºC
0
1
2
3
4
5
6
02.5
5
10
2030
40
Vin (V)
IOUT vs. VIN, Temp = 125ºC, Rl = 25Ω
0
50
100
150
200
250
0
2.5
5
10
2030
40
VIN (V)
IOUT Vs VIN, Temp = 25ºC, RL = 25Ω
0
50
100
150
200
250
0
2.5
5
10
2030
40
VIN (V)
VOUT Vs Temp, VIN = 13.5 V
4.93
4.94
4.95
4.96
4.97
4.98
4.99
5
5.01
5.02
-40
-20
0
20
40
60
80
100 120 140
Temp (ºC)
Chrage I Vs Temp, VIN = 13.5V, VD = 1V
5.45
5.5
5.55
5.6
5.65
5.7
5.75
-40
-20
0
20
40
60
80
100 120 140
Temp (ºC)
VD Lower Threshold vs. Temp, VIN = 13.5V
0
0.1
0.2
0.3
0.4
0.5
-40
-20
0
20
40
60
80
100 120 140
Temp (deg C)
VD upper Threshold vs. Temp, VIN = 13.5V
1.86
1.86
1.86
1.86
1.86
1.86
1.86
1.86
-40
-20
0
20
40
60
80
100 120 140
Temp (ºC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com