Electronic Components Datasheet Search
  English  ▼

X  

SPX29150 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SPX29150
Description  1.5A Low Dropout Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX29150 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SPX29150 Datasheet HTML 4Page - Sipex Corporation SPX29150 Datasheet HTML 5Page - Sipex Corporation SPX29150 Datasheet HTML 6Page - Sipex Corporation SPX29150 Datasheet HTML 7Page - Sipex Corporation SPX29150 Datasheet HTML 8Page - Sipex Corporation SPX29150 Datasheet HTML 9Page - Sipex Corporation SPX29150 Datasheet HTML 10Page - Sipex Corporation SPX29150 Datasheet HTML 11Page - Sipex Corporation SPX29150 Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Rev A 8/5/06
SP2950/5/52/53 .5A Low Dropout voltage Regulator
© Copyright 2006 Sipex Corporation
PACKAGE PINOUTS
*Tab is internally connected to GND
TO-263-3 Package (T)
V
OUT
GND
V
IN
Front View
1
2
3
OUTPUT
TO-263-5 Package (T5)
Top View
4 5
3
2
1
GND
FLAG
1)
3)
4)
5)
2) INPUT
ENABLE
GND
ADJUST
1)
3)
4)
5)
2) INPUT
ENABLE
GND
ADJUST
1)
3)
4)
5)
2) INPUT
FLAG
OUTPUT
OUTPUT
SPX29151
SPX29152
SPX29153
Front View
TO-220-3 Package (U)
V
IN
V
OUT
GND
TO-220-5 Package (U5)
Top View
1 2 3 4 5
OUTPUT
GND
FLAG
1)
3)
4)
5)
2) INPUT
ENABLE
OUTPUT
GND
ADJUST
1)
3)
4)
5)
2) INPUT
ENABLE
OUTPUT
GND
ADJUST
1)
3)
4)
5)
2) INPUT
FLAG
SPX29151
SPX29152
SPX29153
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com