Electronic Components Datasheet Search
  English  ▼

X  

SPX29150 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX29150
Description  1.5A Low Dropout Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX29150 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX29150 Datasheet HTML 1Page - Sipex Corporation SPX29150 Datasheet HTML 2Page - Sipex Corporation SPX29150 Datasheet HTML 3Page - Sipex Corporation SPX29150 Datasheet HTML 4Page - Sipex Corporation SPX29150 Datasheet HTML 5Page - Sipex Corporation SPX29150 Datasheet HTML 6Page - Sipex Corporation SPX29150 Datasheet HTML 7Page - Sipex Corporation SPX29150 Datasheet HTML 8Page - Sipex Corporation SPX29150 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Rev A 8/5/06
SP2950/5/52/53 .5A Low Dropout voltage Regulator
© Copyright 2006 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Line Regulation
Figure 4. Load Regulation
Figure 5. Ground Current vs Load Current
Figure 6. Ground Current vs Input Voltage
Figure 7. Ground Current vs Load Current in Dropout
Figure 8. Dropout Voltage vs Load Current
3.280
3.285
3.290
3.295
3.300
3.305
3.310
3.315
3.320
4
6
8
10
12
14
16
Vin (V)
3.3V Device
IL = 10mA
CL = 10uF
3.280
3.285
3.290
3.295
3.300
3.305
3.30
0
0.25
0.5
0.75

.25
.5
IL (A)
Vin = 4.3V
CL = 0µf
3.3V Device
0.0
0.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
0
0.25
0.5
0.75

.25
.5
IL (A)
3.3V Device
Vin = 4.3V
CL = 0uf
80
200
220
240
260
280
300
4
6
8
0
2
4
16
Vin (V)
3.3V Device
IL = 10mA
CL = 0uf
0
0
20
30
40
50
60
70
80
90
00
0
0.25
0.5
0.75

.25
.5
IL (A)
3.3V Device
vin = 3.2v
CL = 0uf
0
100
200
300
400
500
600
0
0.25
0.5
0.75
1
1.25
1.5
IL (A)
3.3V Device
CL = 10uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com