Electronic Components Datasheet Search
  English  ▼

X  

SPX29300 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX29300
Description  3A High Current, Low Dropout Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX29300 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX29300 Datasheet HTML 1Page - Sipex Corporation SPX29300 Datasheet HTML 2Page - Sipex Corporation SPX29300 Datasheet HTML 3Page - Sipex Corporation SPX29300 Datasheet HTML 4Page - Sipex Corporation SPX29300 Datasheet HTML 5Page - Sipex Corporation SPX29300 Datasheet HTML 6Page - Sipex Corporation SPX29300 Datasheet HTML 7Page - Sipex Corporation SPX29300 Datasheet HTML 8Page - Sipex Corporation SPX29300 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Date: 9/5/06 Rev C
SPX29300/01/02/03 3A Low Dropout Voltage Regulator
© 2006 Sipex Corporation
2
ABSOLUTE MAXIMUM RATINGS
Lead Temperature (soldering, 5 seconds)
................260°C
Storage Temperature Range........................-65°C to +150°C
Operating Junction Temperature Range......-40°C to +125°C
Input Voltage (Note 1) .................................................... 16V
(Note 1) at VIN=VOUT + 1V and IOUT = 10mA, CIN = 6.8μF, COUT = 10μF, TA = 25°C, unless otherwise specified. The Boldface
applies over the junction temperature range.
SPX29300/01
PARAMETER
CONDITIONS
TYP
MIN
MAX
UNITS
Fixed Voltage Options
1.8V Version
Output Voltage
IOUT = 10mA
1.800
1.782
1.818
V
10mA
≤ IOUT ≤ 3A, 2.8V ≤ VIN ≤ 16V
1.800
1.764
1.836
2.5V Version
Output Voltage
IOUT = 10mA
2.500
2.475
2.525
V
10mA
≤ IOUT ≤ 3A, 3.5V ≤ VIN ≤ 16V
2.500
2.450
2.550
3.3V Version
Output Voltage
IOUT = 10mA
3.300
3.267
3.333
V
10mA
≤ IOUT ≤ 3A, 4.3V ≤ VIN ≤ 16V
3.300
3.234
3.366
5.0V Version
Output Voltage
IOUT = 10mA
5.000
4.950
5.050
V
10mA
≤ IOUT ≤ 3A, 6.0V ≤ VIN ≤ 16V
5.000
4.900
5.100
All Voltage Options
SPX29300/01/02/03
Line Regulation
IOUT=10mA,(VOUT+1V) ≤ VIN ≤ 16V
0.06
0.5
%
Load Regulation
VIN=VOUT+1V, 10mA≤ IOUT ≤ IFL (Note 2)
0.2
1
%
ΔV/ΔT
VOUT Temp Coefficient (Note 6)
20
100
ppm/
°C
Dropout Voltage, except
IOUT=100mA
50
175
mV
1.8V, (Note 3)
IOUT=1.5A
150
IOUT=3.0A
450
700
Ground Current
IOUT=1.5A
10
35
mA
(Note 5)
IOUT=3.0A
37
Ground Pin Current
VIN=0.5V less than specified VOUT,
0.9
mA
at Dropout
IOUT=10mA
Current Limit
VOUT=0V (Note 4)
4.5
3.0
A
Output Noise Voltage
CL=10μF
400
μVRMS
(10Hz to 100kHz)
IL=100mA
CL=33μF
260
Reference Voltage
Adjustable version only
1.240
1.228
1.252
V
1.215
1.265
Reference Voltage
Adjustable version only (Note 8)
1.203
1.277
V
Adjust Pin Bias Current
40
80
nA
120
Reference Voltage
(Note 7)
20
ppm/
°C
Temp. Coeff.
Adjust Pin Bias
0.1
nA/
°C
Current Temp. Coeff.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com