Electronic Components Datasheet Search
  English  ▼

X  

SPX29300 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX29300
Description  3A High Current, Low Dropout Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX29300 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX29300 Datasheet HTML 1Page - Sipex Corporation SPX29300 Datasheet HTML 2Page - Sipex Corporation SPX29300 Datasheet HTML 3Page - Sipex Corporation SPX29300 Datasheet HTML 4Page - Sipex Corporation SPX29300 Datasheet HTML 5Page - Sipex Corporation SPX29300 Datasheet HTML 6Page - Sipex Corporation SPX29300 Datasheet HTML 7Page - Sipex Corporation SPX29300 Datasheet HTML 8Page - Sipex Corporation SPX29300 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Date: 9/5/06 Rev C
SPX29300/01/02/03 3A Low Dropout Voltage Regulator
© 2006 Sipex Corporation
4
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Dropout Voltage vs Load Current
Figure 4. Line Regulation
Figure 5. Ground Current vs Load Current
Figure 6. Load Regulation
Figure 7. Enable Threshold vs Temperature
Figure 8. Power Supply Rejection Ratio
0
200
400
600
800
1000
0
1.0
2.0
3.0
IL (A)
3.3V Device
CL = 10μF
1200
Vin = 3.2V
85°C
25°C
2.460
2.470
2.480
2.490
2.500
2.510
2.520
2.530
2.540
4
6
8
10
12
14
16
Vin (V)
2.5V Device
IL = 10mA
CL = 10μF
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
0
1.0
2.0
3.0
IL (A)
3.3V Device
Vin = 4.3V
CL = 10μF
85°C
25°C
3.280
3.285
3.290
3.295
3.300
3.305
3.310
0
1.0
2.0
3.0
IL (A)
Vin = 4.3V
CL = 10μF
3.3V Device
1.2
1.3
-40
-20
0
20
40
60
80
100
120
Temperature (
o C)
3.3V Device
1.4
1.5
1.6
1.7
1.8
1.9
SPX29300 1.8Vout @1A PSRR
-20
-10
0
10
20
30
40
50
60
70
80
100
1000
10000
100000
1000000
10000000
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com