Electronic Components Datasheet Search
  English  ▼

X  

120SN2 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # 120SN2
Description  AC Power Strip, 6 Outlets, SASD Protected, UL1449/R56, 12’ Cord
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

120SN2 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  120SN2 Datasheet HTML 1Page - Infinite Electronics International, Inc. 120SN2 Datasheet HTML 2Page - Infinite Electronics International, Inc. 120SN2 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USA & Canada +1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
1
ACPS-6N-120SN2-LC REV 1.0 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
AC Power Strip, 6 Outlets, SASD Protected, UL1449/R56, 12’ Cord
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications:
AC Power Strip, 6 Outlets, SASD Protected, UL1449/R56, 12’ Cord ACPS-6N-120SN2-LC
Features
•
100% SASD Protection
•
Lowest Voltage Protection Rating in the Industry
•
6 Protected NEMA 5-15 Outlets
•
Power Switch with LED and Resettable Breaker
•
Surge Protection Status LED
•
Dual Ground Studs
•
12’ Supply Cord
•
Versatile Mounting Options
Applications
•
Emergency Dispatch Centers
•
Communications Base Stations
•
IT & Data Centers
•
Office Environments
•
Industrial Automation
•
Hospitals
•
Schools
.
Description
AC surge protector (also known as SPD or lightning protector) ACPS-6N-120SN2-LC from L-com is a strip style SPD that utilizes state
of the art SASD technology to protect critical equipment that operates on a 120 Vac Single-Phase electrical service. This surge protec-
tor provides effective protection against electrical transient surges that are generated both by external lightning events and by internal
switching events and supports long-term system reliability by safely shunting high amounts of transient energy while maintaining a very
low clamping voltage. L-com AC surge protectors are available in stock with same day shipping.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Service Voltages
120
Vac
Service Type
Single-Phase
Frequency
50
60
Hz
Current Rating
15
A
Maximum Continuous Operating Voltage (MCOV)
L - N
145
Vac
.
Surge Protection Specification
Description
Minimum
Typical
Maximum
Units
Surge Protection Technology
SASD
Protection Modes
L-N
8/20µs Surge Current
3
kA
Nominal Discharge Current Rating (In)
3
kA
VPR 8/20µs
ACPS-6N-120SN2-LC


Similar Part No. - 120SN2

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
120SN8 L-COM-120SN8 Datasheet
475Kb / 3P
AC Power Strip, 6 Outlets, SASD Protected, UL1449/R56, 8’ Cord
REV 1.0
More results

Similar Description - 120SN2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS-1215-RA ETC2-RS-1215-RA Datasheet
471Kb / 4P
1U Rackmount Power Strip with 12 Right-Angle Outlets and 15-ft. Cord
RS-0615-F ETC2-RS-0615-F Datasheet
474Kb / 4P
1U Rackmount Power Strip with 6 Front-Facing Outlets and 15-ft. Cord
RS-0615-R ETC2-RS-0615-R Datasheet
474Kb / 4P
1U Rackmount Power Strip with 6 Rear-Facing Outlets and 15-ft. Cord
TLM626NS ETC2-TLM626NS Datasheet
483Kb / 4P
Power It! Safety Power Strip with 6 Outlets and 6-ft. Cord
TLM609NS ETC2-TLM609NS Datasheet
483Kb / 4P
Power It! Safety Power Strip with 6 Outlets, 9-ft. Cord and Integrated Cord Wrap
TLM812GF ETC2-TLM812GF Datasheet
501Kb / 4P
Power It! Safety Power Strip with 8 Outlets and 12-ft. Cord with GFCI Plug
logo
Tripp Lite. All Rights ...
PS610HGUK TRIPPLITE-PS610HGUK Datasheet
161Kb / 3P
UK BS-1363 Medical-Grade Power Strip with 6 UK Outlets, 3m Cord
logo
PHOENIX CONTACT
1720262 PHOENIX-1720262 Datasheet
93Kb / 4P
Pin strip - PST 1,0/ 6-3,5 R56
logo
TP-Link Technologies Co...
HS300 TP-LINK-HS300 Datasheet
2Mb / 5P
Kasa Smart Wi-Fi Power Strip, 6-Outlets
logo
Tripp Lite. All Rights ...
PS6B18 TRIPPLITE-PS6B18 Datasheet
160Kb / 3P
6-Outlet Power Strip - British BS1363A Outlets, 220-250V AC, 13A, 1.8 m Cord, BS1363A Plug, White
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com