Electronic Components Datasheet Search
  English  ▼

X  

120SN2 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # 120SN2
Description  AC Power Strip, 6 Outlets, SASD Protected, UL1449/R56, 12’ Cord
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

120SN2 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  120SN2 Datasheet HTML 1Page - Infinite Electronics International, Inc. 120SN2 Datasheet HTML 2Page - Infinite Electronics International, Inc. 120SN2 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
USA & Canada +1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
2
ACPS-6N-120SN2-LC REV 1.0 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
AC Power Strip, 6 Outlets, SASD Protected, UL1449/R56, 12’ Cord
ACPS-6N-120SN2-LC
L - N
330 VAC
Vpk
.
Mechanical Specifications
Size
Height
12.24 in
[310.9 mm]
.
Width
2.48 in
[62.99 mm]
Depth
1.5 in
[38.1 mm]
Weight
2.5 lbs
[1.13 kg]
Housing Material and Plating
Steel, Black Powder Coated
Environmental Specifications
Temperature Range (Operational)
-20 to +50 deg C
Environmental Protection Rating
IP20
Installation
Mount Type
Wall Mount
Compliance Certifications
RoHS Compliant
Yes
UL Compliant
UL 1449 4th Ed.
Standard
Motorola R56
Our portfolio includes cable assemblies, connectors, adapters and custom products, as well as their wireless product line which
includes antennas, RF amplifiers, coaxial lightning and surge protectors, and NEMA rated enclosures.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory
and certifications: AC Power Strip, 6 Outlets, SASD Protected, UL1449/R56, 12’ Cord ACPS-6N-120SN2-LC
URL: https://www.l-com.com/ac-power-strip-6-outlets-sasd-protected-ul1449-r56-12-cord-p.aspx
The information contained within this document is accurate to the best of our knowledge and representative of the part described herein. It may be necessary
to make modifications to the part and/or the documentation of the part in order to impliment improvements. L-com reserves the right to make such changes
as required. Unless otherwise stated, all specifications are nominal. L-com does not make any representation or warranty regarding the suitability of the part
described herein for any particular purpose, and L-com does not assume liability arising out of the use of any part or document.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com