Electronic Components Datasheet Search
  English  ▼

X  

OL1001/20 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OL1001/20
Description  MinFlexiNeck Mag light
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OL1001/20 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OL1001/20 Datasheet HTML 1Page - List of Unclassifed Manufacturers OL1001/20 Datasheet HTML 2Page - List of Unclassifed Manufacturers OL1001/20 Datasheet HTML 3Page - List of Unclassifed Manufacturers OL1001/20 Datasheet HTML 4Page - List of Unclassifed Manufacturers OL1001/20 Datasheet HTML 5Page - List of Unclassifed Manufacturers OL1001/20 Datasheet HTML 6Page - List of Unclassifed Manufacturers OL1001/20 Datasheet HTML 7Page - List of Unclassifed Manufacturers OL1001/20 Datasheet HTML 8Page - List of Unclassifed Manufacturers OL1001/20 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Product Code: LC8082/EUK
Description: MinFlexiNeck Mag light
Features & Benefit:
Fluorescent daylight compact flexi magnifier
A 12w daylight lamp with glass, magnifier lens & flexible neck
Ideal for close-up, intricate work
Includes plug suitable for UK and EU countries
Technical specifications:
Voltages available 220v-240v.50H
Magnifier 100mm (4") diameter;3 dioptre lens, magnification
Sun protector cap
Tube type 1x 12w circular, fluorescent (LC8093/T),tube protector
Cable length 1.5m & table integral
Gross weight: (KG)
1.35


Similar Part No. - OL1001/20

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
OL1 KEYSIGHT-OL1 Datasheet
1Mb / 18P
N6700 Modular Power System Family
January 13, 2017
logo
pro-elec
OL1510 PRO-ELEC-OL1510 Datasheet
46Kb / 2P
Weather-proof Switches
29/04/08 V1.0
logo
Advanced Energy Industr...
OL1K ADVANCEDENERGY-OL1K Datasheet
320Kb / 6P
HIGH VOLTAGE POWER SUPPLY
logo
Crouzet.
OL1R10MV1 CROUZET-OL1R10MV1 Datasheet
849Kb / 5P
Plug-In Timer
10/2018
More results

Similar Description - OL1001/20

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-14300 RHOMBUS-IND-L-14300 Datasheet
27Kb / 1P
Mag Amp Toroids
logo
Coilcraft lnc.
G6421-A COILCRAFT-G6421-A Datasheet
126Kb / 2P
Mag Amp Toroids
logo
Tyco Electronics
62511-1 MACOM-62511-1 Datasheet
40Kb / 1P
TAB, .187 FASTON, MAG-MATE?
logo
List of Unclassifed Man...
ANT-ELE-S01-011 ETC2-ANT-ELE-S01-011 Datasheet
91Kb / 1P
Stub Element for Mag.
logo
Mallory performance clu...
PN8142 MALLORY-PN8142 Datasheet
111Kb / 2P
Pro Mag 44 Coil
8142 MALLORY-8142 Datasheet
157Kb / 2P
Pro Mag 44 Coil
81423 MALLORY-81423 Datasheet
111Kb / 2P
Pro Mag 44 Coil
logo
TT Electronics.
DS1172 TTELEC-DS1172 Datasheet
311Kb / 1P
Mag X2
logo
PHOENIX CONTACT
5146105 PHOENIX-5146105 Datasheet
44Kb / 2P
Magazine - P1 UC-MAG 4
5146118 PHOENIX-5146118 Datasheet
44Kb / 2P
Magazine - P1 UC-MAG 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com