Electronic Components Datasheet Search
  English  ▼

X  

OL1001/20 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # OL1001/20
Description  MinFlexiNeck Mag light
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OL1001/20 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button OL1001/20 Datasheet HTML 7Page - List of Unclassifed Manufacturers OL1001/20 Datasheet HTML 8Page - List of Unclassifed Manufacturers OL1001/20 Datasheet HTML 9Page - List of Unclassifed Manufacturers OL1001/20 Datasheet HTML 10Page - List of Unclassifed Manufacturers OL1001/20 Datasheet HTML 11Page - List of Unclassifed Manufacturers OL1001/20 Datasheet HTML 12Page - List of Unclassifed Manufacturers OL1001/20 Datasheet HTML 13Page - List of Unclassifed Manufacturers OL1001/20 Datasheet HTML 14Page - List of Unclassifed Manufacturers OL1001/20 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Product Code: PVC1660
Description: Spring Loaded Min Vice - 35mm capacity
Features & Benefits:
A miniature spring loaded sliding clamp is used to hold small objects
This mini vice is a perfect tool for holding smaller parts in place and working in detail
Fitted with 4 nylon non-marking grips
Applications include painting, gluing, modelling, repairing & restoration
Technical specifications:
To open the jaws simply squeeze both ends
Overall Length: 100mm
Jaw capacity: 35mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com