Electronic Components Datasheet Search
  English  ▼

X  

SDR1BHFSMS Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR1BHFSMS
Description  1 AMP 50 - 1200 V 35 nsec Hyper Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR1BHFSMS Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR1BHFSMS Datasheet HTML 1Page - Solid States Devices, Inc SDR1BHFSMS Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR1AHF & SDR1AHFSMS
thru
SDR1NHF & SDR1NHFSMS
Electrical Characteristic
Symbol
Max
Units
Instantaneous Forward Voltage Drop
(IF = 1ADC, TA = 25ºC, pulsed)
SDR1AHF – SDR1JHF
SDR1KHF – SDR1NHF
VF
3.3
3.5
VDC
Instantaneous Forward Voltage Drop
(IF = 1ADC, TA = -55ºC, pulsed)
SDR1AHF – SDR1JHF
SDR1KHF – SDR1NHF
VF
3.4
3.6
VDC
Reverse Leakage Current
(Rated VR, TA = 25ºC, pulsed)
IR
5
µA
Reverse Leakage Current
(Rated VR, TA = 100ºC, pulsed)
IR
200
µA
Reverse Recovery Time
(IF = 500mA, IR = 1A, IRR = 250Ma, TA = 25ºC)
tRR
35
nsec
Junction Capacitance
(VR = 10VDC, f = 1MHz, TA = 25ºC)
CJ
20
pF
Case Outline: (Axial)
DIM
MIN
MAX
A
––
0.150”
B
––
0.190”
C
0.027”
0.033”
D
0.950”
––
Case Outline: (SMS)
DIM
MIN
MAX
A
0.134”
0.153”
B
0.200”
0.280”
C
0.022”
0.028”
D
0.002”
--



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com