Electronic Components Datasheet Search
  English  ▼

X  

SDR1BHFSMS Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR1BHFSMS
Description  1 AMP 50 - 1200 V 35 nsec Hyper Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR1BHFSMS Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR1BHFSMS Datasheet HTML 1Page - Solid States Devices, Inc SDR1BHFSMS Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Features:
• Hyper Fast Recovery: 35 nsec maximum
• PIV to 1200 Volts
• Hermetically Sealed
• Void Free Construction
• For High Efficiency Applications
• Single Chip Construction
• Low Reverse Leakage
• TX, TXV, S Level screening Available
SDR1AHF & SDR1AHFSMS
thru
SDR1NHF & SDR1NHFSMS
1 AMP
50 - 1200 V
35 nsec
Hyper Fast Rectifier
Axial Lead Diode
SMS
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and DC Blocking Voltage
SDR1AHF
SDR1BHF
SDR1DHF
SDR1GHF
SDR1JHF
SDR1KHF
SDR1MHF
SDR1NHF
VRRM
VRSM
VR
50
100
200
400
600
800
1000
1200
Volts
Average Rectified Forward Current
(Resistive Load, 60 hz Sine Wave, TA = 25 °C)
Io
1.0
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C)
IFSM
25
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +175
ºC
Maximum Thermal Resistance
Junction to Leads, L = 3/8
Junction to Tabs
RθJE
35
28
ºC/W
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0119C
DOC


Similar Part No. - SDR1BHFSMS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR1BHFSMS SSDI-SDR1BHFSMS Datasheet
159Kb / 2P
1AMPS, 50thru 1200VOLTS 35nsec Hyper Fast Recovery Rectifier
SDR1BHFSMSS SSDI-SDR1BHFSMSS Datasheet
159Kb / 2P
1AMPS, 50thru 1200VOLTS 35nsec Hyper Fast Recovery Rectifier
SDR1BHFSMSTX SSDI-SDR1BHFSMSTX Datasheet
159Kb / 2P
1AMPS, 50thru 1200VOLTS 35nsec Hyper Fast Recovery Rectifier
SDR1BHFSMSTXV SSDI-SDR1BHFSMSTXV Datasheet
159Kb / 2P
1AMPS, 50thru 1200VOLTS 35nsec Hyper Fast Recovery Rectifier
More results

Similar Description - SDR1BHFSMS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR3KHF SSDI-SDR3KHF Datasheet
31Kb / 2P
3 AMP 800 - 1200 V 35 nsec Hyper Fast Rectifier
SDR953 SSDI-SDR953 Datasheet
216Kb / 2P
50 AMP 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR953-61 SSDI-SDR953-61 Datasheet
215Kb / 2P
50 AMP 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR9103N SSDI-SDR9103N Datasheet
231Kb / 2P
100 AMP 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR9100N SSDI-SDR9100N Datasheet
227Kb / 2P
120 AMP 100- 200 VOLTS 35 nsec HYPER FAST RECTIFIER
SHF1100SM SSDI-SHF1100SM Datasheet
199Kb / 2P
1 AMP 50 - 300 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR9100PHC SSDI-SDR9100PHC Datasheet
191Kb / 2P
100 AMP 100 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR950-3 SSDI-SDR950-3 Datasheet
194Kb / 2P
60 AMP 100 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR953-3 SSDI-SDR953-3 Datasheet
48Kb / 2P
50 AMPS 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR6210CT SSDI-SDR6210CT Datasheet
107Kb / 3P
40 AMPS 1000 - 1200 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com