Electronic Components Datasheet Search
  English  ▼

X  

SAA7151 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SAA7151
Description  Digital multistandard colour decoder with SCART interface DMSD2-SCART
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7151 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SAA7151 Datasheet HTML 4Page - NXP Semiconductors SAA7151 Datasheet HTML 5Page - NXP Semiconductors SAA7151 Datasheet HTML 6Page - NXP Semiconductors SAA7151 Datasheet HTML 7Page - NXP Semiconductors SAA7151 Datasheet HTML 8Page - NXP Semiconductors SAA7151 Datasheet HTML 9Page - NXP Semiconductors SAA7151 Datasheet HTML 10Page - NXP Semiconductors SAA7151 Datasheet HTML 11Page - NXP Semiconductors SAA7151 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
April 1993
8
Philips Semiconductors
Product specification
Digital multistandard colour decoder with
SCART interface (DMSD2-SCART)
SAA7151B
For matrixed RGB signals - the full screen SCART mode
and the fast insertion mode (blanking/switching) are
selectable. The chrominance stop filter is automatically
bypassed in full screen SCART mode.
Full screen RGB mode (SCART):
The CUV digital input signal (7-0) consists of
time-multiplexed samples for U and V. An offset correction
for both signals is applied to correct external clamping
errors. An internal timing correction compensates for slight
differences in timing during sampling. The U and V signals
are delay-compensated and fed to the output formatter.
The format 4:2:2 or 4:1:1 is generated by a switchable
filter.
The control signals for the front end (Figures 3 and 20)
MUXC, status bits FSST1, FSST0 (outputs GPSW2,
GPSW1) and FSO are generated by the SAA7151B.
Table 1
SCART interface control (Fig.3)
MODE
CONNECTION
chroma
output of
TDA8446
to TDA8709A
TDA8709A
luminance
fast switch
TDA8446
input
selector (via
I2C-bus)
TDA8540
FSO GPSW 2
GPSW 1 MUXC
selected
input
CUV
(7-0)
RGB
only
0
0
0
0
0
0
0
1
high-Z
VIN2
U/V
sync (RGB)
sync (RGB)
Y/C or
CVBS
only
0
0
0
0
1
1
0
1
C
VIN1
C
Y (Y/C) or CVBS
Y (Y/C) or
CVBS
Fast
switch
0
0
1
1
0
0
0
1
C
VIN2
0.5(C
+U)/
0.5(C
+V)
Y (Y/C) or CVBS
Y (Y/C) or
CVBS
0
0
1
1
1
1
0
1
not used
RGB
only
1
1
0
0
0
0
0
1
high-Z
VIN2
U/V
Y (RGB)
sync (RGB)
1
1
0
0
1
1
0
1
not used
Fast
switch
1
1
1
1
0
0
0
1
C
VIN2
0.5(C
+U)/
0.5(C
+V)
Y (RGB)
Y (Y/C) or
CVBS
1
1
1
1
1
1
0
1
not used
Fast insertion mode:
Fast insertion is applied by FSI pulse to ensure correct
timing. The RGB source signal is matrixed into UV and
inserted into the CVBS or Y/C source signal after two field
periods if FSI pulses are received. The output FSO is set
to HIGH during a determined insertion window (screen
plain minus 6 % of horizontal and vertical deflection).
Switch over depends on the phase of FSI in relation to the
valid pixel sequence depending on the phase-different
weighting factors. They are applied to the original and the
inserted UV data (Figures 6 and 7)
The control signals for the front end (Table 1) MUXC, FSO,
status bits FSST1 and FSST0 (outputs GPSW2 and
GPSW1) are generated by the SAA7151B.
The amplitude of chrominance and colour-difference
signals are scaled down by factor 2 to avoid overloading of
the chrominance analog-to-digital converter. The
amplitudes are reduced in the TDA8446 by signals on lines
GPSW2 and GPSW1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com