Electronic Components Datasheet Search
  English  ▼

X  

SAA7151 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SAA7151
Description  Digital multistandard colour decoder with SCART interface DMSD2-SCART
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7151 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SAA7151 Datasheet HTML 9Page - NXP Semiconductors SAA7151 Datasheet HTML 10Page - NXP Semiconductors SAA7151 Datasheet HTML 11Page - NXP Semiconductors SAA7151 Datasheet HTML 12Page - NXP Semiconductors SAA7151 Datasheet HTML 13Page - NXP Semiconductors SAA7151 Datasheet HTML 14Page - NXP Semiconductors SAA7151 Datasheet HTML 15Page - NXP Semiconductors SAA7151 Datasheet HTML 16Page - NXP Semiconductors SAA7151 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
April 1993
13
Philips Semiconductors
Product specification
Digital multistandard colour decoder with
SCART interface (DMSD2-SCART)
SAA7151B
Signal levels (Figures 12, 13 and 14)
The nominal input and output signal levels are defined by a colour bar signal with 75 % colour, 100 % saturation and
100 % luminance amplitude (EBU colour bar).
CUV-bus input format
The CUV-bus transfers the digital chrominance/colour-difference signals from the ADC to the SAA7151B (Fig.6; Table 1):
• normal mode for digital chrominance transmission.
• UV colour-difference mode for colour-difference signals UV (out of matrixed RGB signals)
• FS mode (fast switch mode; UV inserted into chrominance signal C with addition of the two signal spectra).
RTCO output
The RTCO output signal (Fig.10) contains serialized information about actual clock frequency, subcarrier frequency and
PAL/SECAM sequence. This signal may preferably be used with the frequency-locked digital video encoder SAA7199B.
Fig.6 Timing example of fast enable input (FEIN).
handbook, full pagewidth
MEH548
HREF
FEIN
YUV
CREF
tSU
tHD
tOH
tOS
from 3-state
to 3-state
LL27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com