Electronic Components Datasheet Search
  English  ▼

X  

SAA7167 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SAA7167
Description  YUV-to-RGB Digital-to-Analog Converter DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7167 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SAA7167 Datasheet HTML 6Page - NXP Semiconductors SAA7167 Datasheet HTML 7Page - NXP Semiconductors SAA7167 Datasheet HTML 8Page - NXP Semiconductors SAA7167 Datasheet HTML 9Page - NXP Semiconductors SAA7167 Datasheet HTML 10Page - NXP Semiconductors SAA7167 Datasheet HTML 11Page - NXP Semiconductors SAA7167 Datasheet HTML 12Page - NXP Semiconductors SAA7167 Datasheet HTML 13Page - NXP Semiconductors SAA7167 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1995 Nov 03
10
Philips Semiconductors
Preliminary specification
YUV-to-RGB Digital-to-Analog
Converter (DAC)
SAA7167
AC CHARACTERISTICS
Tamb = 0 to 70 °C.
Notes
1. Switching time measured from the 50% point of the EXTKEY transition edge to the 50% point of the selected analog
output transition.
2. DAC output rise/fall time measured between the 10% and 90% points of full scale transition.
3. DAC settling time measured from the 50% point of full-scale transition to the output remaining within
±1 LSB.
4. DAC analog output propagation delay measured from the 50% point of the rising edge of VCLK to the 50% point of
full-scale transition.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
fclk
video clock rate
−−
50
MHz
δ
duty factor of VCLK
−
50
−
%
PCLK
pixel clock rate (8-bit pixel colour key); see Fig.4
−−
50
MHz
pixel clock rate (2
× 8-bit pixel colour key; mode 1);
see Fig.5
−−
40
MHz
pixel clock rate (2
× 8-bit pixel colour key; mode 2);
see Fig.6
−−
80
MHz
pixel clock rate (3
× 8-bit pixel colour key); see Fig.7
−−
75
MHz
duty factor of PCLK
40
50
60
%
tsu1
digital input set-up time to VCLK rising edge
3
−−
ns
th1
digital input hold time to VCLK rising edge
3
−−
ns
tsu2
digital input set-up time to PCLK rising edge
3
−−
ns
th2
digital input hold time to PCLK rising edge
3
−−
ns
tsu3
digital input set-up time to PCLK falling edge
3
−−
ns
th3
digital input hold time to PCLK falling edge
3
−−
ns
tsw
switching time between video DAC/analog inputs;
note 1
−−
15
ns
Tgroup
overall group delay from digital video inputs to analog
outputs (see Fig.8):
YUV video input mode
−
20TVCLK +tPD
−
ns
RGB video input mode
−
12TVCLK +tPD
−
ns
tr
DAC analog output rise time (see Fig.8); note 2
−
5
−
ns
tf
DAC analog output fall time (see Fig.8); note 2
−
5
−
ns
ts
DAC analog output settling time (see Fig.8); note 3
−−
15
ns
tPD
DAC analog output propagation delay (see Fig.8);
note 4
−
15
−
ns
Analog outputs from analog inputs
Gv
voltage gain
−
2.0
−
B
bandwidth (
−3 dB)
−
75
−
MHz
SR
slew rate
−
90
−
V/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com