Electronic Components Datasheet Search
  English  ▼

X  

SAA7167 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SAA7167
Description  YUV-to-RGB Digital-to-Analog Converter DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7167 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SAA7167 Datasheet HTML 10Page - NXP Semiconductors SAA7167 Datasheet HTML 11Page - NXP Semiconductors SAA7167 Datasheet HTML 12Page - NXP Semiconductors SAA7167 Datasheet HTML 13Page - NXP Semiconductors SAA7167 Datasheet HTML 14Page - NXP Semiconductors SAA7167 Datasheet HTML 15Page - NXP Semiconductors SAA7167 Datasheet HTML 16Page - NXP Semiconductors SAA7167 Datasheet HTML 17Page - NXP Semiconductors SAA7167 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
1995 Nov 03
14
Philips Semiconductors
Preliminary specification
YUV-to-RGB Digital-to-Analog
Converter (DAC)
SAA7167
APPLICATION INFORMATION
Fig.9 Typical application diagram for analog circuits.
handbook, full pagewidth
75
Ω
75
Ω
47
Ω
0.1
µF
8
8
analog inputs from VGA
digital YUV video data inputs
Rin
Rout
Gout
Bout
75
Ω
Gin
75
Ω
Bin
YUV7 to YUV0
UV7 to UV0
38 to 45
33
36
32
30
28
SAA7167
31
29
46 to 48,
1 to 5
Cref(h)
75
Ω
47
Ω
75
Ω
47
Ω
to PC monitor
cable
monitor side
MGB751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com