Electronic Components Datasheet Search
  English  ▼

X  

PDB24 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PDB24
Description  24 mm Rotary Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDB24 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PDB24 Datasheet HTML 1Page - Bourns Electronic Solutions PDB24 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6.7
(.264)
6.7
(.264)
4.5
(.177)
30 °
M8x0.75
A
6.5
(.256)
1.2
(.047)
2.8
(.110)
16.0
(.630)
22.0
(.866)
6.0
(.236)
DIA.
24.0
(.945)
DIA.
FULL CCW
11.5
(.453)
2.5
(.098)
L
11.8
(.465)
1
2
3
Features
■ High rotational life
■ Metal shaft styles
■ Carbon element
■ Center detent option
■ Wide range of resistance tapers
■ RoHS compliant*
PDB24 Series - 24 mm Rotary Potentiometer
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Electrical Characteristics
Taper............................................. Linear, audio
Standard Resistance Range
...............................1 K ohms to 1 M ohms
Standard Resistance Tolerance..............±20 %
Residual Resistance
R<500K ohms ......................10 ohms max.
R>500K ohms .......................... 0.1 % max.
total resistance
Environmental Characteristics
Operating Temperature
.........................................-10 °C to +70 °C
Power Rating
Linear ............................................ 0.5 watt
Audio ........................................... 0.25 watt
Maximum Operating Voltage
Linear ................................................ 500 V
Audio ................................................. 250 V
Rotational Noise .......................... 150 mV max.
Mechanical Characteristics
Mechanical Angle ............................. 300 ° ±5 °
Rotational Torque .....................20 to 200 g-cm
Stop Strength .............................. 8 kg-cm min.
Rotational Life
Standard....................... 15,000 cycles min.
High............................ 500,000 cycles min.
Soldering Condition
Manual Soldering
............................ 300 °C within 3 seconds
Wave Soldering
............................ 260 °C within 3 seconds
Hardware .......................... One flat washer and
mounting nut supplied per
potentiometer with bushing
Derating Curve
Ambient Temperature (°C)
20
40 50 60 70
80 90 100
30
10
0
20
33
40
60
80
100
0
Product Dimensions
PDB241-D
PDB241-E
A
M8x0.75
C0.5
11.8
(.465)
4.5
(.177)
24.0
(.945)
DIA.
2.5
(.098)
L
6.5
(.256)
11.8
(.465)
PDB241-S
UNDER
=
10.0
(.394)
TOLERANCES:
±0.3
(±.012)
=
10.0 ~ 100
(.394 ~ 3.937)
±0.5
(±.020)
DIMENSIONS:
MM
(INCHES)
1
2
3
SCHEMATIC
20.0
(.787)
6.7
(.264)
6.7
(.264)
8.6
(.339)
10.0
(.394)
30 °
M8x0.75
C0.5
A
6.5
(.256)
2.0
(.079)
DIA.
4.0
(.157)
DIA.
2.0
(.079)
DIA.
1.2
(.047)
2.8
(.110)
16.5
(.650)
6.0
(.236)
DIA.
24.0
(.945)
DIA.
FULL CCW
11.5
(.453)
2.5
(.098)
L
11.8
(.465)
1
2
3
30 °
1.2
(.047)
FULL CCW
11.5
(.453)
2.8
(.110)
1
2
3
19.5
(.768)


Similar Part No. - PDB24

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDB24 BOURNS-PDB24 Datasheet
310Kb / 2P
PDB24 Series - 24 mm Rotary Potentiometer
PDB241-GNL BOURNS-PDB241-GNL Datasheet
247Kb / 2P
PDB241-GNL Series - ?쏯o-Load??Guitar Potentiometer
PDB241-GNL BOURNS-PDB241-GNL Datasheet
242Kb / 2P
?쏯o-Load??Guitar Potentiometer
PDB241-GNL01-103A2 BOURNS-PDB241-GNL01-103A2 Datasheet
242Kb / 2P
?쏯o-Load??Guitar Potentiometer
PDB241-GNL01-104A2 BOURNS-PDB241-GNL01-104A2 Datasheet
242Kb / 2P
?쏯o-Load??Guitar Potentiometer
More results

Similar Description - PDB24

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDA17 BOURNS-PDA17 Datasheet
266Kb / 3P
17 mm Rotary Potentiometer
PDB18 BOURNS-PDB18 Datasheet
522Kb / 5P
17 mm Rotary Potentiometer
PDB24 BOURNS-PDB24 Datasheet
310Kb / 2P
PDB24 Series - 24 mm Rotary Potentiometer
PDB184 BOURNS-PDB184 Datasheet
270Kb / 2P
17 mm Rotary Potentiometer w/Rotary Switch
PDB12 BOURNS-PDB12 Datasheet
220Kb / 2P
12 mm Rotary Potentiometer
PDB18 BOURNS-PDB18_13 Datasheet
583Kb / 5P
17 mm Rotary Potentiometer
PDB241-GTR BOURNS-PDB241-GTR_13 Datasheet
282Kb / 2P
24 mm Guitar Potentiometer
logo
Productwell Precision E...
R09A11H21 PRODUCTWELL-R09A11H21_14 Datasheet
334Kb / 2P
ROTARY POTENTIOMETER
R10A1MH01 PRODUCTWELL-R10A1MH01_14 Datasheet
250Kb / 2P
ROTARY POTENTIOMETER
logo
Bourns Electronic Solut...
PDB08 BOURNS-PDB08 Datasheet
739Kb / 3P
PDB08 - 8 mm Micro Rotary Potentiometer
03/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com