Electronic Components Datasheet Search
  English  ▼

X  

PDB24 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PDB24
Description  24 mm Rotary Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDB24 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PDB24 Datasheet HTML 1Page - Bourns Electronic Solutions PDB24 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
PDB24 Series - 24 mm Rotary Potentiometer
Product Dimensions
DIMENSIONS:
MM
(INCHES)
REV. 02/15
F
A
D
F Type
P Type
K Type
L
4.5
(.177)
6.0
(.236)
DIA.
6.0
(.236)
DIA.
1.0
(.039)
6.0
(.236)
DIA.
18 TEETH
20.0
(.787)
25.0
(.984)
30.0
(1.181)
F
12.0
(.472)
12.0
(.472)
12.0
(.472)
L
20.0
(.787)
25.0
(.984)
30.0
(1.181)
A
10.0
(.394)
12.0
(.472)
12.0
(.472)
D
1.5
(.059)
2.5
(.098)
4.0
(.157)
L
20.0
(.787)
25.0
(.984)
30.0
(1.181)
How To Order
PDB24 1 - E 4 25 K - 103 A2
Model
No. of Sections
• 1 = Single Section/
Standard
Rotational Life
• 2 = Single Section/
High Rotational
Life
Terminal Configuration
(Pin Layout)
(see individual drawings)
• E = Solder Lugs
Rear Facing
• S = Solder Lugs
Down Facing
• D = PC Pins
Front Facing
Detent Option
• 2 = Center Detent
• 4 = No Detents
Standard Shaft Length
• 20 = 20 mm
• 25 = 25 mm
• 30 = 30 mm
Shaft Style
• K = Metal Knurled Type Shaft
18 Toothed Serration Type
• F = Metal Flatted Shaft
• P = Metal Plain Shaft
Resistance Code (See Table)
Resistance Taper (See Taper Chart)
Taper Series followed by Curve Number
Other styles available.
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105
Tapers
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
A Series Tapers
Rotational Travel (%)
(05A):
A1
(10A):
A2
(15A):
A3
(20
A):
A4
(25
A):
A5
(30
A):
A
6
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
C Series Tapers
Rotational Travel (%)
(3
0C)
: C6
(05C)
: C1
(10C)
: C2
(15
C)
: C3
(25C)
: C5
(20
C)
: C4
B Series Tapers
0
10
20
30
40
50
60
70
80
90
100
Rotational Travel (%)
10
20
30
40
50
60
70
80
90
100
Applications
■ Various commercial applications
■ Electric guitars
■ Sound processing equipment
■ Guitar and sound system amplifiers
■ Appliances



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com