Electronic Components Datasheet Search
  English  ▼

X  

B41867 Datasheet(PDF) 7 Page - EPCOS

Part # B41867
Description  Single-Ended Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41867 Datasheet(HTML) 7 Page - EPCOS

  B41867 Datasheet HTML 1Page - EPCOS B41867 Datasheet HTML 2Page - EPCOS B41867 Datasheet HTML 3Page - EPCOS B41867 Datasheet HTML 4Page - EPCOS B41867 Datasheet HTML 5Page - EPCOS B41867 Datasheet HTML 6Page - EPCOS B41867 Datasheet HTML 7Page - EPCOS B41867 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
491 10/02
140 °C
B41867
Useful life
depending on ambient temperature
TA under ripple current operating conditions1)
UR = 10 … 50 VDC
1) Refer to page 40 for an explanation on how to interpret the useful life graphs.
Frequency factor of
permissible ripple current
I~
versus frequency
f
Impedance
Z
versus frequency
f
Typical behavior at 20 °C
80
50
0
40
1,5
0,5
1,0
60
70
A
110
90
100
120
T
130
150
˚C
4,5
3,0
2,0
2,5
3,5
4,0
R
Ι~
Ι~
B41867
5,0
KAL0799-R
10
10
0
0,2
0,4
0,6
10
12
~
Ι
1,0
0,8
1,2
120 kHz
1,4
1,6
~
Ι
2,0
f
B41867
10
10
3
4
Hz
f
5
KAL0800-Y
10
10
_1
10 0
2
1
10
10 3
Z
10 1
10 2
Ω
10
10 4
10 5 Hz
f
6
KAL0801-7
B41867
_
10 2
330 µF/16 V
1000 µF/25 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com