Electronic Components Datasheet Search
  English  ▼

X  

B41867 Datasheet(PDF) 4 Page - EPCOS

Part # B41867
Description  Single-Ended Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41867 Datasheet(HTML) 4 Page - EPCOS

  B41867 Datasheet HTML 1Page - EPCOS B41867 Datasheet HTML 2Page - EPCOS B41867 Datasheet HTML 3Page - EPCOS B41867 Datasheet HTML 4Page - EPCOS B41867 Datasheet HTML 5Page - EPCOS B41867 Datasheet HTML 6Page - EPCOS B41867 Datasheet HTML 7Page - EPCOS B41867 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
488 10/02
140 °C
B41867
Overview of available types
The capacitance and voltage ratings listed above are available in smaller cases upon request.
Other voltage and capacitance ratings are also available upon request.
UR (VDC) 10
16
25
35
50
63
CR (µF)
Case dimensions
d
× l (mm)
4,7
10
× 16
10
10
× 16
22
10
× 16
33
10
× 16
47
10
× 20
10
× 20
100
10
× 16
10
× 16
12,5
× 25
12,5
× 25
12,5
× 25
220
10
× 16
10
× 20
10
× 20
12,5
× 25
16
× 25
16
× 25
330
10
× 20
12,5
× 25
12,5
× 25
16
× 25
18
× 31,5
18
× 31,5
470
12,5
× 25
12,5
× 25
16
× 20
16
× 31,5
18
× 35
18
× 35
1 000
12,5
× 25
16
× 25
16
× 25
18
× 31,5
18
× 40
18
× 40
2 200
16
× 31,5
18
× 31,5
18
× 40
20
× 40
3 300
18
× 31,5
18
× 40
20
× 40
4 700
18
× 35
20
× 40



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com