Electronic Components Datasheet Search
  English  ▼

X  

B43699 Datasheet(PDF) 1 Page - EPCOS

Part # B43699
Description  Axial Aluminum Electrolytic Capacitors for Electronic Ballasts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43699 Datasheet(HTML) 1 Page - EPCOS

  B43699 Datasheet HTML 1Page - EPCOS B43699 Datasheet HTML 2Page - EPCOS B43699 Datasheet HTML 3Page - EPCOS B43699 Datasheet HTML 4Page - EPCOS B43699 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Axial Aluminum Electrolytic Capacitors for Electronic Ballasts: B43699
Specifications and characteristics in brief
Product
Rated voltage
UR
450
Vdc
Surge voltage
US
550 at 85 °C, 500 V at 105 °C
V
Rated capacitance
CR
10 ... 47
µF
Capacitance tolerance
∆C/C –10/+30 =^ Q%
Useful life*
tLD (CO)
40 °C, UR
250 000 (2.2 l~R,105 °C)
h
85 °C, UR, I~R
50 000
85 °C, UR, I~max
25 000
105 °C, UR, I~R
10 000
Voltage endurance test
5 000, 105 °C, UR
Leakage current
ILC
µA
(5 min, 20 °C)
Self-inductance
LESL
diam. (d mm)
12
14
16
18
length (l mm)
approx. LESL
25
–
22
26
–
nH
30
21
24
29
34
39
–
–
33
38
IEC climatic category
in acc. with IEC 60068-1: 40/105/56
(–40 °C/+105 °C, 56 days damp heat test)
Detail / Sectional spec.
similar to CECC 30 301-801 / IEC 60384-4
Vibration resistance
in acc. with IEC 60068-2-6, test Fc: displacement
amplitude 0.75 mm, frequency range 10 to 55 Hz,
acceleration max. 10 g, duration 3 x 2 h
ILC ≤ 0.3 ·
CR · UR 0.7+ 4
µF
V
Specifications and characteristics in brief
Product
Features
s
UR 450 V
s
CR 10 µF ... 47 µF
s
Very long expected life
at 105 °C / 10 000 h
s
High ripple current capability
s
High voltage capability and
operation, 550 V / 85 °C / 500 h,
500 V / 105 °C / 2000 h
s
Strong and reliable performance
dedicated for electronic ballast
units and similar designs
s
Small dimensions
KAL0681-H
max
d x l
dmax x Imax
Mass
(mm)
(mm)
(g)
12 x 30
12.5 x 30.5
5.1
14 x 25
14.5 x 25.5
5.7
14 x 30
14.5 x 30.5
6.8
16 x 30
16.5 x 30.5
8.9
16 x 39
16.5 x 40
11.7
18 x 30
18.5 x 30.5
11.1
18 x 39
18.5 x 40
14.7
*Ambient temperatures
Failure rate
≤ 20 fit, (≤ 20 · 10–9/h); failure percentage (during useful life) ≤ 1 %


Similar Part No. - B43699

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43699 EPCOS-B43699 Datasheet
341Kb / 13P
Aluminum electrolytic capacitors
B43699 EPCOS-B43699 Datasheet
350Kb / 13P
Aluminum electrolytic capacitors
B43699B5106Q000 EPCOS-B43699B5106Q000 Datasheet
341Kb / 13P
Aluminum electrolytic capacitors
B43699B5106Q000 EPCOS-B43699B5106Q000 Datasheet
350Kb / 13P
Aluminum electrolytic capacitors
B43699B5106Q007 EPCOS-B43699B5106Q007 Datasheet
341Kb / 13P
Aluminum electrolytic capacitors
More results

Similar Description - B43699

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
ILA3354 INTEGRAL-ILA3354 Datasheet
217Kb / 6P
IC for Electronic Ballasts
logo
EPCOS
B43698 EPCOS-B43698 Datasheet
325Kb / 5P
Axial Aluminum Electrolytic Capacitors for Electronic Ballasts
logo
KODENSHI_AUK CORP.
KKA3354 KODENSHI-KKA3354 Datasheet
235Kb / 6P
IC for Electronic Ballasts
logo
List of Unclassifed Man...
TFA3351 ETC2-TFA3351 Datasheet
104Kb / 12P
IC for Electronic Ballasts
logo
IK Semicon Co., Ltd
ILA3354 IKSEMICON-ILA3354 Datasheet
219Kb / 6P
IC for Electronic Ballasts
logo
Gunter Seniconductor Gm...
TFA3351 GSG-TFA3351 Datasheet
140Kb / 12P
IC for Electronic Ballasts
TFA3354 GSG-TFA3354 Datasheet
129Kb / 12P
IC for Electronic Ballasts
logo
IK Semicon Co., Ltd
ILA3354 IKSEMICON-ILA3354_11 Datasheet
249Kb / 6P
IC for Electronic Ballasts
logo
JILIN SINO-MICROELECTRO...
3DD4243DY JSMC-3DD4243DY Datasheet
264Kb / 5P
Electronic ballasts
logo
Kemet Corporation
PEG130HH4360QL1 KEMET-PEG130HH4360QL1 Datasheet
3Mb / 9P
Axial Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com