Electronic Components Datasheet Search
  English  ▼

X  

B43699 Datasheet(PDF) 2 Page - EPCOS

Part # B43699
Description  Axial Aluminum Electrolytic Capacitors for Electronic Ballasts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43699 Datasheet(HTML) 2 Page - EPCOS

  B43699 Datasheet HTML 1Page - EPCOS B43699 Datasheet HTML 2Page - EPCOS B43699 Datasheet HTML 3Page - EPCOS B43699 Datasheet HTML 4Page - EPCOS B43699 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Diagrams and Characteristics: B43699
s
Impedance Z versus frequency f at
different temperatures
s
Typical behavior for 22 µF/450 V
s
Equivalent series resistance RESR versus
frequency f at different temperatures
s
Typical behavior for 22 µF/450 V
10
10 1
_2
10
5
2
10 1
5
_
10 0
5
10
10
55
3
Hz
4
f
10 5
85 ˚C
20 ˚C
60 ˚C
Ω
5
10
5
1
10
Z
2
10 3
25 ˚C
_
KAL0658-I
0
10
10
_2
5
1
10
_
5
10
2
5
1
10
10 3
5
f
Hz
4
510
5
10
60 ˚C
20 ˚C
5
1
10
RESR
Ω
10 2
25 ˚C
_
KAL0659-R
s
Useful life
depending on
ambient tempera-
ture TA under
ripple current
operating
conditions
s
Rated voltage
UR applied
40
0
Ι~
R
Ι~
A
T
KAL0662-B
0,5
1,0
1,5
3,0
50
60
70
80
90
100
˚C 110
s
Useful life
depending on
ambient tempera-
ture TA under
ripple current
operating
conditions
s
Operating volt-
age Uop = 500 V
40
0
Ι~
R
Ι
3,0
~
A
T
KAL0682-Q
0,5
1,0
1,5
3,0
˚C
50
60
70
80
90
100
110



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com