Electronic Components Datasheet Search
  English  ▼

X  

B44033 Datasheet(PDF) 1 Page - EPCOS

Part # B44033
Description  Half shells (semicircular supports) and tightening clamps
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B44033 Datasheet(HTML) 1 Page - EPCOS

  B44033 Datasheet HTML 1Page - EPCOS B44033 Datasheet HTML 2Page - EPCOS B44033 Datasheet HTML 3Page - EPCOS B44033 Datasheet HTML 4Page - EPCOS B44033 Datasheet HTML 5Page - EPCOS B44033 Datasheet HTML 6Page - EPCOS B44033 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
344
Siemens Matsushita Components
Half shells (semicircular supports) and tightening clamps
For mounting tubular capacitors 143,5 mm and 178,5 mm in diameter.
Material of the half shells: Ultramid B 3 WG 7 (35 % GFR) RAL 7024 dark grey.
Mounting (horizontal fastening):
The capacitor is preassembled with the two half shells B44033-A1… and -A2… using the tightening
clamps B44033-A3… and then pushed onto the rods to the rear and fixed in axial direction by
means of the screws.
Capacitor
diameter
Ordering code
mm
Front half shell
with end stop
Rear half shell
without end stop
Tightening clamp
143,5
B44033-A1143
B44033-A2143
B44033-A3143
178,5
B44033-A1178
B44033-A2178
B44033-A3178
Tightening clamp
B44033-A3…
Tightening clamp
B44033-A3…
Rear half shell
B44033-A2…
Chassis rods
(on the part of the customer)
Front half shell
B44033-A1…
Screw
Mounting Parts
B 44 033
Jump to preceding page


Similar Part No. - B44033

ManufacturerPart #DatasheetDescription
logo
EPCOS
B44033-A1143 EPCOS-B44033-A1143 Datasheet
182Kb / 9P
Mounting parts
B44033-A116 EPCOS-B44033-A116 Datasheet
182Kb / 9P
Mounting parts
B44033-A1178 EPCOS-B44033-A1178 Datasheet
182Kb / 9P
Mounting parts
B44033-A2143 EPCOS-B44033-A2143 Datasheet
182Kb / 9P
Mounting parts
B44033-A2178 EPCOS-B44033-A2178 Datasheet
182Kb / 9P
Mounting parts
More results

Similar Description - B44033

ManufacturerPart #DatasheetDescription
logo
FCI connector
8655MHRAXX01 FCI-CONNECTOR-8655MHRAXX01 Datasheet
453Kb / 3P
D-SUB METAL SHELLS
8655PHRAXX01 FCI-CONNECTOR-8655PHRAXX01 Datasheet
435Kb / 3P
D-SUB PLASTIC SHELLS
logo
Glenair, Inc.
380MS137M0501-5N GLENAIR-380MS137M0501-5N Datasheet
389Kb / 2P
Backshells, Boots and Clamps
370MS038C0501-5N GLENAIR-370MS038C0501-5N Datasheet
389Kb / 2P
Backshells, Boots and Clamps
390MS077M0501-5N GLENAIR-390MS077M0501-5N Datasheet
403Kb / 2P
Backshells, Boots and Clamps
340MS026CG05-401-6 GLENAIR-340MS026CG05-401-6 Datasheet
417Kb / 2P
Backshells, Boots and Clamps
logo
Axiomtek Co., Ltd.
AX60530 AXIOMTEK-AX60530 Datasheet
186Kb / 1P
Supports half-size SBCs
logo
List of Unclassifed Man...
8092 ETC2-8092 Datasheet
104Kb / 2P
CABLE CLAMPS AND TIES
logo
Glenair, Inc.
290-003 GLENAIR-290-003 Datasheet
125Kb / 2P
Strain-Relief Clamps and Environmental Backshells
logo
NXP Semiconductors
S32M2XX NXP-S32M2XX Datasheet
2Mb / 135P
Supports S32M24x and S32M27x
Rev. 3 - 10/2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com