Electronic Components Datasheet Search
  English  ▼

X  

B44033 Datasheet(PDF) 5 Page - EPCOS

Part # B44033
Description  Half shells (semicircular supports) and tightening clamps
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B44033 Datasheet(HTML) 5 Page - EPCOS

  B44033 Datasheet HTML 1Page - EPCOS B44033 Datasheet HTML 2Page - EPCOS B44033 Datasheet HTML 3Page - EPCOS B44033 Datasheet HTML 4Page - EPCOS B44033 Datasheet HTML 5Page - EPCOS B44033 Datasheet HTML 6Page - EPCOS B44033 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
348
Siemens Matsushita Components
Retainers for upright mounting
For fastening capacitors 178 mm
in diameter.
The retainers consist of a fastening plate
with associated clamping ring
(both made of UV-resistant plastic).
Universally suitable for mounting individual
capacitors or for setting up capacitor banks.
Two of these retainers are required
for each capacitor.
Ordering codes
Fastening plate:
Dimensions in mm
Fastening plate
B44033-A4178
Clamping ring
B44033-A5178
Fastening plate
with inserted clamping ring
KLK0860-2
225+0,3
ø6,5+0,1
0,3
190 _
4
17,5+0,5 deep
4
0,3
_
14,5
20 _0,3
B 44 033



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com